Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9103 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 2Page - STMicroelectronics TDA9103 Datasheet HTML 3Page - STMicroelectronics TDA9103 Datasheet HTML 4Page - STMicroelectronics TDA9103 Datasheet HTML 5Page - STMicroelectronics TDA9103 Datasheet HTML 6Page - STMicroelectronics TDA9103 Datasheet HTML 7Page - STMicroelectronics TDA9103 Datasheet HTML 8Page - STMicroelectronics TDA9103 Datasheet HTML 9Page - STMicroelectronics TDA9103 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical Characteristics (VCC = 12V, Tamb =25
°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SUPPLY AND REFERENCE VOLTAGES
VCC
Supply Voltage
Pin 18
10.8
12
13.2
V
ICC
Supply Current
Pin 18, See Figure 1
40
60
mA
VREF-H
Reference Voltage for Horizontal Section
Pin 5, I = 2mA
7.4
8
8.6
V
IREF-H
Max Sourced Current on VREF-H
Pin 5
5
mA
VREF-V
Reference Voltage for Vertical Section
Pin 26, I = 2mA
7.4
8
8.6
V
IREF-V
Max Sourced Current on VREF-V
Pin 26
5
mA
INPUT SECTION/PLL1
VINTH
Hor Input Threshold Voltage Pin 17
Low level voltage
High level voltage
2
0.8
V
V
VVCO
VCO Control Voltage Range
VREF-H = 8V, Pin 12
1.6
6.2
V
VCOG
VCO Gain, dF/dV Pin 12
R0 = 6.49k
Ω, C0 = 680pF
15
kHz/V
Hph
Horizontal Phase Adj Range (Pin 15)
% of Hor period
±12.5
%
FFadj
Free Running Frequency Adj Range (Pin 14)
Without H-sync Signal
±20
%
S1th
VCO Input Voltage for S1 Switching
Pin 12 voltage, VREF-H = 8V
1.85
2
2.25
V
S2th
VCO Input Voltage for S2 Switching
Pin 12 voltage, VREF-H = 8V
2.25
2.4
2.65
V
S3th
VCO Input Voltage for S3 Switching
Pin 12 voltage, VREF-H = 8V
2.9
3
3.3
V
S4th
VCO Input Voltage for S4 Switching
Pin 12 voltage, VREF-H = 8V
3.5
3.7
3.9
V
F0
Free Running Frequency
V14 =VREF/2
R0 = 6.49k
Ω
C0 = 680pF
23.5
25
27.5
kHz
VS1D to
VS4D
Low Level Output Voltage on S1 to S4 Outputs
Pins 6 to 9, I = 0.5mA
0.2
0.4
V
CR
PLL1 Capture Range (F0 = 27kHz)
Fh Min
Fh Max
See conditions on Figure 1
94
28
kHz
PLLinh
PLL 1 Inhibition (Pin 35)
PLL ON
PLL OFF
V35
V35
2
0.8
V
SECOND PLL AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage
Pin 3
0.65
0.75
V
Hjit
Horizontal Jitter
100
ppm
HDmin
HDmin
Minimum Hor Drive Output Duty-cycle
Maximum Hor Drive Output Duty-cycle
Pin 20 or 21, V2 =2V
Pin 20 or 21, V2 =6V
45
30
50
35
%
%
HDvd
Horizontal Drive Low Level Output Voltage
V21-V20, Iout = 20mA,
Pin 20 to GND
1.1
1.7
V
HDem
Horizontal Drive High Level Output Voltage
(output on Pin 20)
Pin 21 to VCC,IOUT = 20mA
9.5
10
V
XRAYth
X-RAY Protection Input Threshold Voltage
Pin 16
1.6
1.8
V
ISblkO
Maximum Output Current on Safety Blanking
Output
I23
10
mA
VSblkO
Low-Level Voltage on Safety Blanking Output
V23 with I23 = 10mA
0.25
0.5
V
Vphi2
Internal Clamping Voltage on 2nd PLL Loop
Filter Output (Pin 1)
Vmin
Vmax
1.6
3.2
V
V
VOFF
Pin 2 Threshold Voltage to Stop H-out, V-out
B+out and to Activate S-BLK.OFF Mode
when V2 <VOFF
V2
1V
TDA9103
6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com