Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9105A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9105A Datasheet HTML 1Page - STMicroelectronics TDA9105A Datasheet HTML 2Page - STMicroelectronics TDA9105A Datasheet HTML 3Page - STMicroelectronics TDA9105A Datasheet HTML 4Page - STMicroelectronics TDA9105A Datasheet HTML 5Page - STMicroelectronics TDA9105A Datasheet HTML 6Page - STMicroelectronics TDA9105A Datasheet HTML 7Page - STMicroelectronics TDA9105A Datasheet HTML 8Page - STMicroelectronics TDA9105A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
QUICK REFERENCE DATA
Parameter
Value
Unit
Horizontal Frequency
15 to 150
kHz
Autosynch Frequency (for Given R0, C0)
1 to 3.7
FH
± Hor Sync Polarity Input
YES
Compatibility with Composite Sync on H-SYNC Input
YES (see note 1)
Lock/Unlock Identification on 1
st PLL
YES
DC Control for H-Position
YES
X-RAY Protection
YES
Hor DUTY Adjust
YES
Stand-by Function
YES
Two Polarities H-Drive Outputs
YES
Supply Voltage Monitoring
YES
PLL1 Inhibition Input
YES
Composite Blanking Output
YES
Horizontal Moire Output
NO
Vertical Frequency
35 to 200
Hz
Vertical Autosync (for 150nF)
50 to 185
Hz
Vertical S-Correction
YES
Vertical C-Correction
YES
Vertical Amplitude Adjustment
YES
Vertical Position Adjustment
YES
East/West Parabola Output
YES
PCC (Pin Cushion Correction) Amplitude Adjustment
YES
Keystone Adjustment
YES
Corner Correction Adjustment
YES
Dynamic Horizontal Phase Control Output
YES
Side Pin Balance Amplitude Adjustment
YES
Parallelogram Adjustment
YES
Tracking of Geometric Corrections with V-AMP and V-POS
YES
Reference Voltage
YES (see note 2)
Mode Detection
NO
Vertical Dynamic Focus
YES
Notes : 1. Provided PLL inhibition input is used, see application diagram on page 27.
2. One for Horizontal section and one for Vertical section.
TDA9105A
4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com