Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9110 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9110 Datasheet HTML 3Page - STMicroelectronics TDA9110 Datasheet HTML 4Page - STMicroelectronics TDA9110 Datasheet HTML 5Page - STMicroelectronics TDA9110 Datasheet HTML 6Page - STMicroelectronics TDA9110 Datasheet HTML 7Page - STMicroelectronics TDA9110 Datasheet HTML 8Page - STMicroelectronics TDA9110 Datasheet HTML 9Page - STMicroelectronics TDA9110 Datasheet HTML 10Page - STMicroelectronics TDA9110 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
HORIZONTAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb =25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
2nd PLL SECTION AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage (Pin 12)
0.65
0.75
V
Hjit
Horizontal Jitter
Horizontal Freq. = 31kHz
60
ppm
HDmin
HDmax
Horizontal Drive Output Duty-Cycle
(Pin 26) (see Notes 1 & 2)
Low Level
High Level
Sub-Address 00
Byte xxx11111
Byte xxx00000
30
60
%
%
XRAYth
X-RAY Protection Input Threshold Voltage
Pin 25
8
V
Vphi2
Internal Clamping Levels on 2nd PLL Loop
Filter (Pin 5)
Low Level
High Level
1.6
3.7
V
V
VSCinh
Threshold Voltage To Stop H-Out,V-Out
when VCC < VSCinh
Pin 29
7.5
V
HDvd
Horizontal Drive Output (low level)
Pin 26 IOUT = 30mA
0.4
V
HORIZONTAL DYNAMIC FOCUS FUNCTION
HDFst
Horizontal Dynamic Focus Sawtooth
Minimum Level
Maximum Level
HfocusCap = C0 = 820pF,
TH=TBD, Pin 16
2
4.7
V
V
HDFdis
Horizontal Dynamic Focus Sawtooth
Discharge Width
Start by HDFstart
400
ns
HDFstart
Internal fixed Phase Advance versus Hfly
Middle
Fixed for each frequency
(Pin 16)
860
ns
HDFDC
Bottom DC Output Level
RLOAD = 10k
Ω, Pin 15
2
V
TDHDF
DC Output Voltage Thermal Drift
200
ppm/C
HDFamp
Horizontal Dynamic Focus Amplitude
Min Byte x1111111
Typ Byte x1000000
Max Byte x0000000
Sub-Address 03, Pin 15,
FH = 50kHz, Keystone Typ
1.1
1.7
3.5
VPP
VPP
VPP
HDFKeyst
Horizontal Dynamic Focus Keystone
Min A/B Byte xxx11111
Typ Byte xxx10000
Max A/B Byte xxx00000
Sub-Address 04,
FH = 50kHz, Typ Amp
B/A
A/B
A/B
2.5
1.0
2.5
VERTICAL DYNAMIC FOCUS FUNCTION (positive parabola)
AMPVDF
Vertical Dynamic Focus Parabola (added
to horizontal one) Amplitude with VOUT
and VPOS Typical
Min. Byte 000000
Typ. Byte 100000
Max. Byte 111111
Sub-Address 0F
0
0.5
1
VPP
VPP
VPP
VDFAMP
Parabola Amplitude Function of VAMP
(tracking between VAMP and VDF) with
VPOS Typ.
(see Figure 1 and Note 3)
Sub-Address 05
Byte 10000000
Byte 11000000
Byte 11111111
0.6
1
1.5
VPP
VPP
VPP
VHDFKeyt Parabola Assymetry Function of VPOS
Control (tracking between VPOS and VDF)
with VAMP Max.
Sub-Address 06
Byte x0000000
Byte x1111111
0.52
0.52
Notes : 1. Duty Cycle is the ratio of power transistor OFF time period. Power transistor is OFF when output transistor is OFF.
2. Initial Condition for Safe Operation Start Up
3. S and C correction are inhibited so the output sawtooth has a linear shape.
TDA9110
7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com