Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL41 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LL41
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL41 Datasheet(HTML) 1 Page - Vishay Siliconix

  LL41 Datasheet HTML 1Page - Vishay Siliconix LL41 Datasheet HTML 2Page - Vishay Siliconix LL41 Datasheet HTML 3Page - Vishay Siliconix LL41 Datasheet HTML 4Page - Vishay Siliconix LL41 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LL41
Document Number 85671
Rev. 1.5, 21-Jul-06
Vishay Semiconductors
www.vishay.com
1
17205
Small Signal Schottky Diode
Features
• For general purpose applications
• This diode features low turn-on voltage
and high breakdown voltage
• This device is protected by a PN junction
guard ring against excessive voltage, such as
electrostatic discharges
• This diode is also available in the DO35 case with
type designation BAT41
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: MiniMELF Glass Case (SOD80)
Weight: approx. 31 mg
Cathode Band Color: black
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Type Marking
Remarks
LL41
LL41-GS18 or LL41-GS08
-
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Forward continuous current
Tamb = 25 °C
IF
1001)
mA
Repetitive peak forward current
tp < 1 s, δ < 0.5, Tamb = 25 °C
IFRM
3501)
mA
Surge forward current
tp = 10 ms, Tamb 25 °C
IFSM
7501)
mA
Power dissipation
Tamb = 65 °C
Ptot
2001)
mW
e2


Similar Part No. - LL41

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
logo
SynSemi, Inc.
LL41 SYNSEMI-LL41 Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
LL41 JINANJINGHENG-LL41 Datasheet
57Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL41 BILIN-LL41 Datasheet
246Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
LL41 VISHAY-LL41 Datasheet
119Kb / 5P
Small Signal Schottky Diode
05-Aug-10
More results

Similar Description - LL41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com