Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EYV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EYV
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYV Datasheet(HTML) 3 Page - Vishay Siliconix

  EYV Datasheet HTML 1Page - Vishay Siliconix EYV Datasheet HTML 2Page - Vishay Siliconix EYV Datasheet HTML 3Page - Vishay Siliconix EYV Datasheet HTML 4Page - Vishay Siliconix EYV Datasheet HTML 5Page - Vishay Siliconix EYV Datasheet HTML 6Page - Vishay Siliconix EYV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 25126
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 21-Aug-08
3
EYV
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.5 Printed wiring pin version
Fig.6 Mounting hole pattern viewed from the component side
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
1 = Positive terminal
5 = Negative terminal
Case Ø D = 40 mm
L
Ø D + 1 max.
L + 1 max.
5.1 ± 0.1
+
-
1 = Positive terminal
5 = Negative terminal
Case Ø D = 40 mm
1.3
(5 x)
2.5
20 ± 0.1
20 ± 0.1
10 ± 0.1
17.5 ± 0.1
1
2
3
4
5
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD
BOX DIMENSIONS
L x W x H
25 x 30
26
35
≈ 24
100
290 x 280 x 50
25 x 40
26
45
≈ 28
100
290 x 280 x 60
30 x 40
31
45
≈ 38
100
340 x 330 x 60
35 x 40
36
45
≈ 51
50
390 x 198 x 60
35 x 50
36
55
≈ 66
50
390 x 198 x 70
40 x 40
41
45
≈ 78
50
440 x 223 x 60
40 x 50
41
55
≈ 82
50
440 x 223 x 70
40 x 70
41
75
≈ 110
25
230 x 230 x 90
40 x 100
41
105
≈ 176
25
230 x 230 x 120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com