Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD4235G2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD4235G2
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD4235G2 Datasheet HTML 21Page - STMicroelectronics PSD4235G2 Datasheet HTML 22Page - STMicroelectronics PSD4235G2 Datasheet HTML 23Page - STMicroelectronics PSD4235G2 Datasheet HTML 24Page - STMicroelectronics PSD4235G2 Datasheet HTML 25Page - STMicroelectronics PSD4235G2 Datasheet HTML 26Page - STMicroelectronics PSD4235G2 Datasheet HTML 27Page - STMicroelectronics PSD4235G2 Datasheet HTML 28Page - STMicroelectronics PSD4235G2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
PSD4000 Series
Preliminary Information
22
9.1.1.6.2 Data Toggle (cont.)
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed to compare the word that was written to Flash with
the word that was intended to be written.
When using the Data Toggle method after an erase instructin, Figure 4 still applies. DQ6
(DQ14) will toggle until the erase operation is complete. A ‘1’ on DQ5 (DQ13) will indicate
a timeout failure of the erase operation, a ‘0’ indicates no error. The MCU can read any
even location within the sector being erased to get DQ6 (DQ14) and DQ5 (DQ13) .
PSDsoft generates ANSI C code functions which implement these Data Toggling
algorithms.
The
PSD4000
Functional
Blocks
(cont.)
Figure 4. Data Toggle Flow Chart
START
READ DQ5 & DQ6
(DQ13 & DQ14)
at VALID EVEN ADDRESS
NO
YES
NO
YES
YES
NO
DQ6
(DQ14)
=
TOGGLE
DQ5
(DQ13)
=1
READ DQ6
(DQ14)
FAIL
Program/Erase
Operation Failed
Issue Reset Instruction
PASS
Program/Erase
Operation is
Completed
DQ6
(DQ14)
=
TOGGLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com