Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VPC1 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VPC1
Description  VPC1 7.5 x 5 mm Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VPC1 Datasheet(HTML) 1 Page - Vectron International, Inc

  VPC1 Datasheet HTML 1Page - Vectron International, Inc VPC1 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VPC1 7.5 x 5 mm Crystal Oscillators
Featuring
Quick delivery
Wide output frequency range up to 160 MHz
Stabilities of ±25, ±50, ±100 PPM
3.3 or 5.0 Vdc Option
HCMOS/TTL Compatible
Frequency Range
1.544 MHz to 160 MHz (Up to 125 MHz for 3.3Vdc)
Package Options
C1 = 7.5 x 5 x 1.8 mm tall 4 pads
Voltage Options/
A = +5.0 Vdc
±10% 15pF
Load Drive
B = +3.3 Vdc
±10% 15pF
E = +5.0 Vdc
±10% 50pF (≤ 66 MHz)
F = +3.3 Vdc
±10% 50pF (≤ 66 MHz Non Standard)
Electrical Options
1 = Tristate 60/40 Symmetry
3 = Tristate 55/45 Symmetry (Non Standard)
Tristate
N/C = OUTPUT
Logic 1 = OUTPUT
Logic 0 = High Impedance
Stability Options
A = ±100 PPM 0°C to +70°C
B = ±50
PPM 0°C to +70°C
C = ±100 PPM -40°C to +85°C
D = ±50
PPM -40°C to +85°C (Non Standard)
E = ±25
PPM
0°C to +70°C
(Non Standard)
F = ±25
PPM
-40°C to +85°C (Non Standard)
Start-Up
10 ms Maximum
Standard Load
HCMOS/TTL
Total Jitter
250 ps peak to peak
Standard Packaging
Bulk
Typical P/N
VPC1-B1B-40M000
C1 = 7.5 x 5 x 1.8 mm tall 4 pads
B = +3.3 Vdc ±10% 15pF
1 = Tristate 60/40 Symmetry
B = ±50 PPM 0°C to +70°C
1. As measured in a test circuit below .
2. Non Standard items may have limited frequency availability and most likely slightly longer lead times.


Similar Part No. - VPC1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
VPC1 7.5 x 5 mm Crystal Oscillators
More results

Similar Description - VPC1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
Crystal Oscillators
logo
List of Unclassifed Man...
VCE1 ETC1-VCE1 Datasheet
135Kb / 2P
VCE1 14 x 9.8 mm Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
Crystal oscillators
logo
MTRONPTI
M1325 MTRONPTI-M1325 Datasheet
254Kb / 1P
Surface Mount Crystal 3.2 x 5 x 0.8 mm
logo
Vectron International, ...
VCC1FIB3 VECTRON-VCC1FIB3 Datasheet
125Kb / 1P
VCC1 FIB3 7.5 x 5 mm Crystal Oscillator
VPE1 VECTRON-VPE1 Datasheet
116Kb / 2P
VPE1 14 x 9.8 mm Crystal Oscillators
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
VPC1 7.5 x 5 mm Crystal Oscillators
VPE1-B1B-40M000 VECTRON-VPE1-B1B-40M000 Datasheet
118Kb / 2P
VPE1 14 x 9.8 mm Crystal Oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
CRYSTAL-OSCILLATORS
logo
TAITIEN ELECTRONICS CO....
XO-0145-NN TAITIEN-XO-0145-NN Datasheet
257Kb / 1P
9.7 x 7.5 x 4.1 mm ?쏤ormosa??Oven Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com