Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9992BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 26Page - Analog Devices AD9992BBCZ Datasheet HTML 27Page - Analog Devices AD9992BBCZ Datasheet HTML 28Page - Analog Devices AD9992BBCZ Datasheet HTML 29Page - Analog Devices AD9992BBCZ Datasheet HTML 30Page - Analog Devices AD9992BBCZ Datasheet HTML 31Page - Analog Devices AD9992BBCZ Datasheet HTML 32Page - Analog Devices AD9992BBCZ Datasheet HTML 33Page - Analog Devices AD9992BBCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
AD9992
Rev. C | Page 30 of 92
Table 14. Summary of V-Sequence Registers (see Table 10 and Table 11 for the CLPOB, PBLK, and HBLK Pattern Register
s)
Register
Length
Description
HOLD
4b
Use in conjunction with VMASK_EN.
1: HOLD function instead of FREEZE/RESUME function.
VMASK_EN
4b
Enables the masking of XV1 to XV24 outputs at the locations specified by the FREEZE/RESUME registers.
1: Enable masking for all groups. One bit for each set of Freeze and Resume Positions 1 to 4.
CONCAT_GRP
4b
Combines toggle positions of Groups A/B/C/D when enabled. Only Group A settings for start, polarity, length,
and repetition are used when this mode is selected.
0: Disable.
1: Enable the addition of all toggle positions from VPATSELA/B/C/D.
2: Test mode only. Do not use.
…
15: Test mode only. Do not use.
VREP_MODE
2b
Selects line alternation for V-output repetitions. Note separate controls for Group A and Groups B/C/D.
0: Disable alternation. Group A uses VREPA_1, Groups B/C/D use VREP _EVEN for all lines.
1: 2-line. Group A alternates VREPA_1 and VREPA_2. Groups B/C/D alternate VREP_EVEN and VREP_ODD.
2: 3-line. Group A alternates VREPA_1, VREPA_2, and VREPA_3. Groups B/C/D follow a VREP_EVEN, VREP_ODD,
VREP_ODD, VREP_EVEN, VREP_ODD, VREP_ODD pattern.
3: 4-line. Group A alternates VREPA_1, VREPA_2, VREPA_3, VREPA_4. Groups B/C/D follow 2-line alternation.
LASTREPLEN_EN
4b
Enables a separate pattern length to be used during the last repetition of the V-sequence. One bit for
each group (A, B, C, and D). Set bit high to enable. Group A is the LSB. Recommended value is enabled.
LASTTOG_EN
4b
Enables a final toggle position to be added at the end of the V-sequence. The toggle position is shared
by all V-outputs in the same group. One bit for each group. Set bit high to enable. Group A is the LSB.
HDLENE
13b
HD line length for even lines in the V-sequence.
HDLENO
13b
HD line length for odd lines in the V-sequence.
VPOL_A
24b
Group A start polarity bits for each XV1 to XV24 output.
VPOL_B
24b
Group B start polarity bits for each XV1 to XV24 output.
VPOL_C
24b
Group C start polarity bits for each XV1 to XV24 output.
VPOL_D
24b
Group D start polarity bits for each XV1 to XV24 output.
GROUPSEL_0
24b
Assigns each XV1 to XV12 output to either Group A/B/C/D. Two bits for each signal. Bits [1:0] are for XV1, Bits
[3:2] are for XV2 … Bits [23:22] are for XV12.
0: Assign to Group A
1: Assign to Group B
2: Assign to Group C
3: Assign to Group D
GROUPSEL_1
24b
Assigns each XV13 to XV24 output to either Group A/B/C/D. Two bits for each signal. Bits [1:0] are for XV13,
Bits [3:2] are for XV14 … Bits [23:22] are for XV24.
0: Assign to Group A.
1: Assign to Group B.
2: Assign to Group C.
3: Assign to Group D.
VPATSELA
5b
Selected V-pattern for Group A.
VPATSELB
5b
Selected V-pattern for Group B.
VPATSELC
5b
Selected V-pattern for Group C.
VPATSELD
5b
Selected V-pattern for Group D.
VSTARTA
13b
Start position for the selected V-Pattern Group A.
VSTARTB
13b
Start position for the selected V-Pattern Group B.
VSTARTC
13b
Start position for the selected V-Pattern Group C.
VSTARTD
13b
Start position for the selected V-Pattern Group D.
VLENA
13b
Length of selected V-Pattern Group A.
VLENB
13b
Length of selected V-Pattern Group B.
VLENC
13b
Length of selected V-Pattern Group C.
VLEND
13b
Length of selected V-Pattern Group D.
VREPA_1
13b
Number of repetitions for the V-Pattern Group A for first lines (even).
VREPA_2
13b
Number of repetitions for the V-Pattern Group A for second lines (odd).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com