Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6TPE330ML Datasheet(PDF) 23 Page - Texas Instruments

Part # 6TPE330ML
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

6TPE330ML Datasheet(HTML) 23 Page - Texas Instruments

Back Button 6TPE330ML Datasheet HTML 19Page - Texas Instruments 6TPE330ML Datasheet HTML 20Page - Texas Instruments 6TPE330ML Datasheet HTML 21Page - Texas Instruments 6TPE330ML Datasheet HTML 22Page - Texas Instruments 6TPE330ML Datasheet HTML 23Page - Texas Instruments 6TPE330ML Datasheet HTML 24Page - Texas Instruments 6TPE330ML Datasheet HTML 25Page - Texas Instruments 6TPE330ML Datasheet HTML 26Page - Texas Instruments 6TPE330ML Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
UVLO Protection
Thermal Shutdown
External Parts Selection
1. Determine output voltage
(
)
OUT
V
2.0
R1
R2
2.0
-
=
´
(5)
2. Choose the Inductor
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
f
f
OUT
OUT
OUT
OUT
IN max
IN max
IND ripple
IN max
OUT max
IN max
1
3
I
I
V
V
V
V
V
V
L
V
V
´
´
´
-
´
-
´
=
=
´
(6)
(
)
( )
(
)
(
)
(
)
f
OUT
OUT
IN max
TRIP
IND peak
DS on
IN max
V
1
R
L
V
V
V
I
V
´
-
´
=
+
´
(7)
3. Choose the Output Capacitor(s)
(
) (
)
( )
(
)
( )
f
OUT
RIPPLE
V
20 mV
1 D
20 mV
L
ESR
2 V
I
2 V
´
´
-
´ ´
=
-
´
(8)
TPS51123
www.ti.com ........................................................................................................................................................................................... SLUS890 – DECEMBER 2008
TPS51123 has VREG5 under voltage lock out protection (UVLO). When the VREG5 voltage is lower than UVLO
threshold voltage both switch mode power supplies are shut off. This is non-latch protection. When the VREG3
voltage is lower than (VO2 - 1 V), both switch mode power supplies are also shut off
TPS51123 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 150°C),
TPS51123 is shut off including LDOs. This is non-latch protection.
The external components selection is much simple in D-CAP™ Mode.
The output voltage is programmed by the voltage-divider resistor, R1 and R2, as shown in Figure 36. R1 is
connected between VFBx pin and the output, and R2 is connected betwen the VFBx pin and GND.
Recommended R2 value is from 10 k
Ω to 20 kΩ. Determine R1 using equation as below.
The inductance value should be determined to give the ripple current of approximately 1/4 to 1/2 of maximum
output current. Larger ripple current increases output ripple voltage and improves S/N ratio and helps stable
operation.
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation. The peak inductor current can be estimated as follows.
Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. Determine ESR to meet
required ripple voltage. A quick approximation is as shown in Equation 8. This equation is based on that required
output ripple slope is approximately 20 mV per TSW (switching period) in terms of VFB terminal voltage.
where
• D is the duty cycle
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com