Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HV14 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HV14
Description  14 pin DIL High Frequency HCMOS Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HV14 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HV14 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
Registered in England No: 1773012
EURO QUARTZ
14 pin DIL High Frequency HCMOS Clock Oscillator
HV14 series oscillators are designed to provide a high quality HCMOS
output at high frequencies from 125MHz to 200MHz. Phase and RMS
period jitter are kept within low limits. An enable/disable function is
standard and the oscillator may also be specified with a power down
function.
·
Industry-standard 14 pin DIL package
·
Frequency Range 125MHz to 200MHz
·
High frequency range at low cost
·
Supply voltage 2.5V or 3.3Volts
·
Tristate function option to conserve power
FEATURES
OUTLINE & DIMENSIONS
Frequency Range:
125.0MHz to 200.0MHz
Output Logic:
HCMOS
Phase Jitter:
3.5ps typical
RMS Period Jitter:
4.0ps typical
Frequency Stability
Commercial:
±25ppm to ±100ppm -10° to +70°C
Industrial:
±25ppm to ±100ppm -40° to +85°C
Input Voltage:
+2.5V to +3.3VDC ±10%
Output Voltage
High '1':
+2.97V minimum
Low '0':
+0.33 V maximum
Rise/Fall Time:
0.25ns typical, 0.5ns max.
(20%Vdd to 80%Vdd)
Current Consumption:
80mA typical (Frequency dependent)
Load:
15pF
Start-up Time:
5ms typical, 10ms maximum
Duty Cycle:
50% ±5% (Measured at Vdd-1.3V)
Input Static
Discharge Protection:
2kV maximum
Ageing:
±2pmm per year maximum
SPECIFICATION
Example:
3HV14GC-150.000
PART NUMBER SCHEDULE
Supply Voltage
25 = 2.5 Volts
3 = 3.3 Volts
Series Designation
RoHS Compliance
Stability Code
A = ±25ppm -10°~+70°C
B = ±50ppm -10°~+70°C
C = ±100ppm -10°~+70°C
D = ±25ppm -40°~+85°C
E = ±50ppm -40°~+85°C
F = ±100ppm -40°~+85°C
Nominal Frequency:
SOLDER TEMPERATURE PROFILE
TRISTATE
HV14 Series Oscillators
DESCRIPTION
Permanent damage may occur if units are operated beyond
specified limits.
Supply Voltage:
+4.6 VDC max.
Input Voltage Vi:
Vss-0.5 min., Vdd +0.5V max.
Input Voltage Vo:
Vss-0.5 min., Vdd +0.5V max.
ABSOLUTE MAXIMUM RATINGS
DISABLE
Output is disabled when Pin 1 is taken below
0.3 Vcc referenced to ground
Oscillator is continues to run.
ENABLE
Oscillator is enable when Pin 1 is taken above
0.7 Vcc referenced to ground.
POWER DOWN
Available by special request: Oscillator shuts down
when disabled.


Similar Part No. - HV14

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
HV14 SEMTECH_ELEC-HV14 Datasheet
829Kb / 2P
FAST RECOVERY HIGH VOLTAGE DIODES
logo
Mercury United Electron...
HV14 MERCURY-HV14 Datasheet
102Kb / 1P
Tri-state function available.
logo
HellermannTyton.
HV1401 HELLERMANNTYTON-HV1401 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
HV1402 HELLERMANNTYTON-HV1402 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
More results

Similar Description - HV14

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
N33XX CRYSTEKCRYSTAL-N33XX Datasheet
104Kb / 1P
Clock Oscillator 14 Pin Dip, 3.3V, HCMOS
logo
EUROQUARTZ limited
EM14GT EUROQUARTZ-EM14GT Datasheet
141Kb / 1P
HCMOS, 14 pin DIL, MHz Range
EM14T EUROQUARTZ-EM14T Datasheet
136Kb / 1P
HCMOS, 14 pin DIL, MHz Range
EM14T33-32.768K-2.5 EUROQUARTZ-EM14T33-32.768K-2.5 Datasheet
135Kb / 1P
HCMOS 14 pin DIL, kHz Range
EM15GT EUROQUARTZ-EM15GT Datasheet
142Kb / 1P
HCMOS, 14 pin DIL, MHz Range
EMV14T EUROQUARTZ-EMV14T Datasheet
136Kb / 1P
HCMOS 14 pin DIL, V Group
EMW15GT EUROQUARTZ-EMW15GT Datasheet
142Kb / 1P
HCMOS 14 pin DIL, W Group
EMW15T EUROQUARTZ-EMW15T Datasheet
137Kb / 1P
HCMOS 14 pin DIL, W Group
logo
Connor-Winfield Corpora...
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com