Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS902I Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS902I
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS902I Datasheet HTML 3Page - STMicroelectronics TS902I Datasheet HTML 4Page - STMicroelectronics TS902I Datasheet HTML 5Page - STMicroelectronics TS902I Datasheet HTML 6Page - STMicroelectronics TS902I Datasheet HTML 7Page - STMicroelectronics TS902I Datasheet HTML 8Page - STMicroelectronics TS902I Datasheet HTML 9Page - STMicroelectronics TS902I Datasheet HTML 10Page - STMicroelectronics TS902I Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
50
40
30
20
10
0
-10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Pha s e
Margin
Ga in
Bandwidth
P roduct
6
10
10
23
10
4
10
5
10
7
10
T= 25 C
V= 10V
R= 10k
Ω
C
= 100pF
A
= 100
S ta ndby OFF
amb
CC
L
L
VCL
Figure 5a : Gain and Phase vs Frequency
50
40
30
20
10
0
-
10
0
45
90
135
180
FR EQUENCY, f (Hz)
PHASE
GAIN
Pha s e
Margin
Ga in
Ba ndwidth
P roduct
6
10
10
23
10
4
10
5
10
7
10
T
= 25 C
V
= 10V
R= 60 0
Ω
C
= 10 0pF
A
= 100
Sta nd by O FF
amb
CC
L
L
VCL
Figure 5b : Gain and Phase vs Frequency
S UPP LY VOLTAGE, V
(V)
CC
04
8
12
16
1800
T= 25 C
R
= 10k
Ω
C = 100pF
Sta ndby O FF
amb
L
L
1400
1000
600
200
Figure 6a : Gain Bandwidth Product vs
Supply Voltage
SUPP LY VOLTAGE, V
(V)
CC
04
8
12
16
T= 25 C
R
= 600
Ω
C = 100pF
Sta ndby OFF
amb
L
L
180 0
14 00
1 000
600
20 0
Figure 6b : Gain bandwidth Product vs
Supply Voltage
S UPP LY VOLTAGE, V
(V)
CC
04
8
12
16
60
50
40
30
20
T= 2 5 C
R= 1 0k
Ω
C = 1 00p F
Sta nd by OFF
amb
L
L
Figure 7a : Phase Margin vs Supply Voltage
2
0
V
= 10V
CC
V
= 16V
CC
OL
OUTPUT CURRENT, I
(mA)
4
6
8
10
14
28
42
56
70
amb
id
T= 25 C
V
= 100mV
S ta ndby OFF
Figure 4b : Low Level Output Voltage vs Low
Level Output Current
TS902
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com