Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS914 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS914
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 1 Page - STMicroelectronics

  TS914 Datasheet HTML 1Page - STMicroelectronics TS914 Datasheet HTML 2Page - STMicroelectronics TS914 Datasheet HTML 3Page - STMicroelectronics TS914 Datasheet HTML 4Page - STMicroelectronics TS914 Datasheet HTML 5Page - STMicroelectronics TS914 Datasheet HTML 6Page - STMicroelectronics TS914 Datasheet HTML 7Page - STMicroelectronics TS914 Datasheet HTML 8Page - STMicroelectronics TS914 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS914
RAIL TO RAIL
CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
.
RAIL TO RAIL INPUT AND OUTPUT
VOLTAGE RANGES
.
SINGLE (OR DUAL) SUPPLY OPERATION
FROM 2.7V TO 16V
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA TYP
.
LOW INPUT OFFSET VOLTAGE : 5mV max.
.
SPECIFIED FOR 600
Ω AND 100Ω LOADS
.
LOW SUPPLY CURRENT : 200
µA/Ampli
.
SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
Invert ing Input 2
Non-inve rting Input 2
Non-inve rtin g Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inve rtin g Input 4
Invertin g Input 4
Non-inve rtin g Input 3
Invertin g Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
PIN CONNECTIONS (top view)
®
DESCRIPTION
The TS914 is a RAIL TO RAIL quad CMOS opera-
tional amplifier designed to operate with a single or
dual supply voltage.
The input voltage range Vicm includes the two
supply rails VCC
+ and VCC-.
The output reaches :
• V
CC
- +50mV
VCC
+ -50mV
with RL = 10k
Ω
• V
CC
- +350mV VCC+ -350mV with RL = 600
Ω
This product offers a broad supply voltage operat-
ing range from 2.7V to 16V and a supply current of
only 200
µA/amp. (VCC = 3V).
Source and sink output current capability is typi-
cally 40mA (at VCC = 3V), fixed by an internal
limitation circuit.
STMicroelectronics is offering a dual op-amp with
the same features : TS912.
ORDER CODES
Part Number
Temperature Range
Package
ND
TS914I/AI
-40, +125
oC
••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
1/13


Similar Part No. - TS914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914AID STMICROELECTRONICS-TS914AID Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
TS914AID STMICROELECTRONICS-TS914AID Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
TS914AIDT STMICROELECTRONICS-TS914AIDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
TS914AIN STMICROELECTRONICS-TS914AIN Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
TS914AIYD STMICROELECTRONICS-TS914AIYD Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
More results

Similar Description - TS914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com