Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM108I Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSM108I
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108I Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSM108I Datasheet HTML 5Page - STMicroelectronics TSM108I Datasheet HTML 6Page - STMicroelectronics TSM108I Datasheet HTML 7Page - STMicroelectronics TSM108I Datasheet HTML 8Page - STMicroelectronics TSM108I Datasheet HTML 9Page - STMicroelectronics TSM108I Datasheet HTML 10Page - STMicroelectronics TSM108I Datasheet HTML 11Page - STMicroelectronics TSM108I Datasheet HTML 12Page - STMicroelectronics TSM108I Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TSM108
12/13
12.2. Voltage and Current Control, Efficiency Performances using a PNP bipolar transistor
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
0
1
2
3
4
5
6
7
0%
10%
20%
30%
40%
50%
60%
70%
PNP transistor Rbase = 220 L=150µH
Vout & duty cycle versus Iout
Vin=12V, Vout=6V, Iout=200mA
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
0%
10%
20%
30%
40%
50%
60%
70%
80%
0%
10%
20%
30%
40%
50%
60%
70%
80%
PNP transistor Rbase = 220 L=150µH
Efficiency & duty cycle versus Iout
Vin=12V, Vout=6V, Iout=200mA
5
1015
20253035
Vin (V)
6.025
6.03
6.035
6.04
6.045
6.05
60%
65%
70%
75%
80%
85%
PNP transistor Rbase =220 L=150µH
Vout & Efficiency versus Vin
Vout = 6V, Iout = 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com