| Electronic Components Datasheet Search |
|
CS2000-CP Datasheet(PDF) 15 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS2000-CP Datasheet(HTML) 15 Page - Cirrus Logic |
|
15 / 36 page ![]() CS2000-CP DS761PP1 15 time listed in the “AC Electrical Characteristics” on page 8 after which lock will be acquired and the PLL output will resume. If CLK_IN is removed and then reapplied within 223 SysClk cycles but later than tCS, the ClkSkipEn bit will have no effect and the PLL output will continue until CLK_IN is re-applied (see Figure 10). Once CLK_IN is re-applied, the PLL will go unlocked only for the time it takes to acquire lock; the PLL_OUT state will be determined by the ClkOutUnl bit during this time. If CLK_IN is removed and then re-applied within tCS, the ClkSkipEn bit determines whether PLL_OUT continues while the PLL re-acquires lock (see Figure 11). When ClkSkipEn is disabled and CLK_IN is re- moved the PLL output will continue until CLK_IN is re-applied at which point the PLL will go unlocked only for the time it takes to acquire lock; the PLL_OUT state will be determined by the ClkOutUnl bit during this time. When ClkSkipEn is enabled and CLK_IN is removed the PLL output clock will remain continuous throughout the missing CLK_IN period including the time while the PLL re-acquires lock. Referenced Control Register Location ClkSkipEn.............................. “Clock Skip Enable (ClkSkipEn)” on page 31 ClkOutUnl.............................. “Enable PLL Clock Output on Unlock (ClkOutUnl)” on page 32 Figure 9. CLK_IN removed for > 223 SysClk cycles CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=0 Lock Time CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=1 Lock Time = invalid clocks 223 SysClk cycles 223 SysClk cycles Figure 10. CLK_IN removed for < 223 SysClk cycles but > tCS CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=0 Lock Time CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=1 Lock Time tCS tCS = invalid clocks 223 SysClk cycles 223 SysClk cycles Figure 11. CLK_IN removed for < tCS CLK_IN PLL_OUT UNLOCK ClkSkipEn=1 ClkOutUnl=0 or 1 CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 ClkOutUnl=1 Lock Time CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 ClkOutUnl=0 Lock Time tCS tCS tCS = invalid clocks |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |