Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4525 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4525 Datasheet HTML 1Page - Cirrus Logic CS4525 Datasheet HTML 2Page - Cirrus Logic CS4525 Datasheet HTML 3Page - Cirrus Logic CS4525 Datasheet HTML 4Page - Cirrus Logic CS4525 Datasheet HTML 5Page - Cirrus Logic CS4525 Datasheet HTML 6Page - Cirrus Logic CS4525 Datasheet HTML 7Page - Cirrus Logic CS4525 Datasheet HTML 8Page - Cirrus Logic CS4525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
2
DS726PP3
CS4525
Software Mode System Features
Digital Audio Processing
5 Programmable Parametric EQ Filters
Selectable High-pass Filter
Bass/Treble Tone Control
Adaptive Loudness Compensation
2-channel Mixer
2.1 Bass Management
24 dB/octave Linkwitz-Riley Crossover
Filters
De-emphasis Filter
Selectable Serial Audio Interface Formats
Left-justified up to 24-bit
I²S up to 24-bit
Right-justified 16-, 18-, 20-, 24-bits
Digital Serial Connection to Additional CS4525
or DACs for Subwoofer
Digital Interface to External Lip-sync Delay
PWM Switch Rate Shifting Eliminates AM
Frequency Interference
Digital Volume Control with Soft Ramp
+24 to -103 dB in 0.5 dB steps
Programmable Peak Detect and Limiter
2-Channel Logic-level PWM Output
Programmable Channel Mapping
Can Drive an External PWM Amplifier,
Headphone Amplifier, or Line-out Amplifier
Integrated Headphone Detection
Flexible Power Output Configurations
Thermal Foldback for Interruption-free
Power-stage Protection
Supports Internal and External Power
Stages
Operation from On-chip Oscillator Driver or
Applied Systems Clock
Supports I²C® Host Control Interface
Hardware Mode System Features
2-Channel Stereo Full Bridge Power Outputs
Analog and Digital Inputs
I²S and Left-justified Serial Input Formats
Thermal Foldback for Interruption-free
Protection of Internal Power Stage
Operation from Applied Systems Clock
External Mute Input
Common Applications
Integrated Digital TV’s
Flat Panel TV Monitors
Computer/TV Monitors
Mini/Micro Shelf Systems
Digital Powered Speakers
Portable Docking Stations
Computer Desktop Audio
General Description
The CS4525 is a stereo analog or digital input PWM
high efficiency Class D amplifier audio system with an
integrated stereo analog-to-digital (A/D) converter. The
stereo power amplifiers can deliver up to 15 W per
channel into 8
Ω speakers from a small space-saving
48-pin QFN package. The PWM amplifier can achieve
greater than 85% efficiency. The package is thermally
enhanced for optimal heat dissipation which eliminates
the need for a heatsink.
The power stage outputs can be configured as two full-
bridge channels for 2 x 15 W operation, two half-bridge
channels
and
one
full-bridge
channel
for
2 x 7 W + 1 x 15 W operation, or one parallel full-bridge
channel for 1 x 30 W operation. The CS4525 integrates
on-chip over-current, under-voltage, and over-tempera-
ture protection and error reporting as well as a thermal
warning indicator and programmable foldback of the
output power to allow cooling.
The main digital serial port on the CS4525 can support
asynchronous operation with the integrated on-chip
sample rate converter (SRC) which eases system inte-
gration. The SRC allows for a fixed PWM switching
frequency regardless of incoming sample rate as well
as optimal clocking for the A/D modulators.
An on-chip oscillator driver eliminates the need for an
external crystal oscillator circuit, reducing overall design
cost and conserving circuit board space. The CS4525
automatically uses the on-chip oscillator driver in the
absence of an applied master clock.
The CS4525 is available in a 48-pin QFN package in
Commercial grade (0° to +70° C). The CRD4525-Q1 4-
layer, 1 oz. copper and CRD4525-D1 2-layer, 1 oz. cop-
per customer reference designs are also available.
Please refer to “Ordering Information” on page 97 for
complete ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com