Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3281 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC3281
Description  POWER TRANSISTORS(15A,200V,150W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC3281 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC3281 Datasheet HTML 1Page - Mospec Semiconductor 2SC3281 Datasheet HTML 2Page - Mospec Semiconductor 2SC3281 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC3281

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC3281 WINGS-2SC3281 Datasheet
25Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
2SC3281 SAVANTIC-2SC3281 Datasheet
220Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3281 JMNIC-2SC3281 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3281 ISC-2SC3281 Datasheet
171Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3281 SAVANTIC-2SC3281 Datasheet
222Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3281

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
POWER TRANSISTORS(10A,150W)
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
POWER TRANSISTORS(15A,200V,150W)
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
POWER TRANSISTORS(15A,230V,150W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
POWER TRANSISTOR(15A,230V,150W)
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
logo
Rohm
RDN150N20 ROHM-RDN150N20 Datasheet
101Kb / 4P
Switching (200V, 15A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com