Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC4029 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC4029
Description  POWER TRANSISTOR(15A,230V,150W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC4029 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC4029 Datasheet HTML 1Page - Mospec Semiconductor 2SC4029 Datasheet HTML 2Page - Mospec Semiconductor 2SC4029 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC4029

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4029 SAVANTIC-2SC4029 Datasheet
152Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4029 JMNIC-2SC4029 Datasheet
199Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4029 ISC-2SC4029 Datasheet
172Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4029 SAVANTIC-2SC4029 Datasheet
153Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4029 JMNIC-2SC4029_15 Datasheet
199Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4029

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
POWER TRANSISTORS(15A,200V,150W)
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
POWER TRANSISTORS(15A,230V,150W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SC3281 MOSPEC-2SC3281 Datasheet
134Kb / 3P
POWER TRANSISTORS(15A,200V,150W)
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
logo
Sanyo Semicon Device
2SA2031 SANYO-2SA2031 Datasheet
33Kb / 4P
230V / 15A, AF100W Output Applications
2SA2221 SANYO-2SA2221 Datasheet
317Kb / 4P
230V / 15A, AF100W Output Applications
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
Silicon NPN triple diffusion planar transistor 15A/230V/150W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com