Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45DB321D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321D Datasheet HTML 1Page - ATMEL Corporation AT45DB321D Datasheet HTML 2Page - ATMEL Corporation AT45DB321D Datasheet HTML 3Page - ATMEL Corporation AT45DB321D Datasheet HTML 4Page - ATMEL Corporation AT45DB321D Datasheet HTML 5Page - ATMEL Corporation AT45DB321D Datasheet HTML 6Page - ATMEL Corporation AT45DB321D Datasheet HTML 7Page - ATMEL Corporation AT45DB321D Datasheet HTML 8Page - ATMEL Corporation AT45DB321D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Features
Single 2.7V - 3.6V Supply
RapidSSerial Interface: 66 MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
User Configurable Page Size
– 512 Bytes per Page
– 528 Bytes per Page
– Page Size Can Be Factory Pre-configured for 512 Bytes
Page Program Operation
– Intelligent Programming Operation
– 8,192 Pages (512/528 Bytes/Page) Main Memory
Flexible Erase Options
– Page Erase (512 Bytes)
– Block Erase (4 Kbytes)
– Sector Erase (64 Kbytes)
– Chip Erase (32 Mbits)
Two SRAM Data Buffers (512/528 Bytes)
– Allows Receiving of Data while Reprogramming the Flash Array
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low-power Dissipation
– 7 mA Active Read Current Typical
– 25 µA Standby Current Typical
– 5 µA Deep Power Down Typical
Hardware and Software Data Protection Features
– Individual Sector
Sector Lockdown for Secure Code and Data Storage
– Individual Sector
Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
JEDEC Standard Manufacturer and Device ID Read
100,000 Program/Erase Cycles Per Page Minimum
Data Retention – 20 Years
Industrial Temperature Range
Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB321D is a 2.7-volt, serial-interface sequential access Flash memory
ideally suited for a wide variety of digital voice-, image-, program code- and data-stor-
age applications. The AT45DB321D supports RapidS serial interface for applications
requiring very high speed operations. RapidS serial interface is SPI compatible for
frequencies up to 66 MHz. Its 34,603,008 bits of memory are organized as 8,192
pages of 512 bytes or 528 bytes each. In addition to the main memory, the
AT45DB321D also contains two SRAM buffers of 512/528 bytes each. The buffers
allow the receiving of data while a page in the main Memory is being reprogrammed,
as well as writing a continuous data stream. EEPROM emulation (bit or byte alterabil-
ity) is easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple
address lines and a parallel interface, the DataFlash uses a RapidS serial interface to
32-megabit
2.7-volt
DataFlash®
AT45DB321D
3597J–DFLASH–4/08


Similar Part No. - AT45DB321D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D ATMEL-AT45DB321D Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB321D-CNU ATMEL-AT45DB321D-CNU Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT45DB321D-CU ATMEL-AT45DB321D-CU Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-CU ETC2-AT45DB321D-CU Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com