Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN03
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN03 Datasheet(HTML) 1 Page - STMicroelectronics

  VN03 Datasheet HTML 1Page - STMicroelectronics VN03 Datasheet HTML 2Page - STMicroelectronics VN03 Datasheet HTML 3Page - STMicroelectronics VN03 Datasheet HTML 4Page - STMicroelectronics VN03 Datasheet HTML 5Page - STMicroelectronics VN03 Datasheet HTML 6Page - STMicroelectronics VN03 Datasheet HTML 7Page - STMicroelectronics VN03 Datasheet HTML 8Page - STMicroelectronics VN03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VN03
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PRELIMINARY DATA
September 1994
BLOCK DIAGRAM
TYPE
VDSS
R DS(on)
In(*)
VCC
VN03
60 V
0.5
Ω
0.7 A
26 V
PENTAWATT
(vertical)
(*) In= Nominal current according to ISO definition for hi gh side automotive switch ( see note 1)
(#) T he maximum continuous output cur rent is the cur rent at Tc =85
oC for a battery voltage of 13 V which does not activate
sel f protection
s
MAXIMUM CONTINUOUS OUTPUT
CURRENT (#): 4 A @ Tc=85
oC
s
5V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
INDUCTIVE LOAD FAST DEMAGNETIZATION
s
VERY LOW STAND-BY POWER DISSIPATION
DESCRIPTION
The VN03 is a monolithic device made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, intended for driving resistive or
inductive loads with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The open drain diagnostic output indicates: open
load in off state and in on state, output shorted to
VCC and overtemperature. Fast demagnetization
of inductive loads is archieved by negative (-18V)
load voltage at turn-off.
PENTAWATT
(horizontal)
PENTAWATT
(in-line)
ORDER CODES:
PENTAWATT vertical
VN03
PENTAWATT horizontal
VN03 (011Y)
PENTAWATT in-line
VN03 (012Y)
1/11


Similar Part No. - VN03

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0300 SUTEX-VN0300 Datasheet
433Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0300 SUTEX-VN0300 Datasheet
65Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs?
logo
List of Unclassifed Man...
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
logo
Supertex, Inc
VN0300 SUTEX-VN0300 Datasheet
349Kb / 3P
N-Channel Enhancement-Mode Vertical DMOS FET
VN0300 SUTEX-VN0300 Datasheet
571Kb / 3P
N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - VN03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16BSP STMICROELECTRONICS-VN16BSP Datasheet
80Kb / 9P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1998
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B_04 Datasheet
209Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN16BSP STMICROELECTRONICS-VN16BSP_04 Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN21 STMICROELECTRONICS-VN21_04 Datasheet
221Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
Iso high side smart power solid state relay
24-Nov-2008
VND10BSPTR-E STMICROELECTRONICS-VND10BSPTR-E Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN31-E STMICROELECTRONICS-VN31-E Datasheet
228Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com