Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN220 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN220
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN220 Datasheet(HTML) 3 Page - STMicroelectronics

  VN220 Datasheet HTML 1Page - STMicroelectronics VN220 Datasheet HTML 2Page - STMicroelectronics VN220 Datasheet HTML 3Page - STMicroelectronics VN220 Datasheet HTML 4Page - STMicroelectronics VN220 Datasheet HTML 5Page - STMicroelectronics VN220 Datasheet HTML 6Page - STMicroelectronics VN220 Datasheet HTML 7Page - STMicroelectronics VN220 Datasheet HTML 8Page - STMicroelectronics VN220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
VN220 / VN220(011Y) / VN220(012Y)
THERMAL DATA
ELECTRICAL CHARACTERISTICS (VCC=13V; -40°C ≤ Tj ≤ 125°C unless otherwise specified)
POWER
SWITCHING
LOGIC INPUT
PROTECTIONS AND DIAGNOSTIC
(*) The VIH is internally clamped at 6V about. It is possible to connect this pin to a higher voltage via an external resistor calculated to not
exceed 10mA at the input pin.
(
•) Status determination > 100
µs after the switching edge.
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
(MAX)
2.08
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
60
°C/W
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VCC
Supply Voltage
12
30
V
Ron
On State Resistance
IOUT=3.5A
IOUT=100mA; Tj=25°C
0.05
1.33
IS
Supply Current
Off state
On State; Tj=25°C
On State; Tj=100°C
1
8
6
mA
mA
mA
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time of
Output Current
IOUT=3.5A; Resistive Load;
Input Rise Time<0.1
µs; T
j=25°C
20
µs
tr
Rise Time of Output
Current
IOUT=3.5A; Resistive Load;
Input Rise Time<0.1
µs; T
j=25°C
200
µs
td(off)
Turn-off Delay Time of
Output Current
IOUT=3.5A; Resistive Load;
Input Rise Time<0.1
µs; T
j=25°C
30
µs
tf
Fall Time of Output
Current
IOUT=3.5A; Resistive Load;
Input Rise Time<0.1
µs; T
j=25°C
5
µs
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VIL
Input Low Level Voltage
1.5
V
VIH
Input High Level Voltage
6
(*)
V
VI(hyst)
Input Hysteresis Voltage
1
V
IIN
Input Current
VIN=10V
600
µA
VICL
Input Clamp Voltage
IIN=1mA
31
36
V
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VSTAT
Status Output Voltage
ISTAT=5mA (Fault Condition)
0.9
2.5
V
ISTAT
Status Output Leakage
Current
VSTAT=30V
100
µA
IOL
Open Load Current Level
3
9
20
mA
tol
Open Load Filtering Time
1
10
ms
TTSD
Thermal Shut-down
Temperature
150
°C
TR
Reset Temperature
125
°C
VSTATCL ()
Diagnostic Input Clamp
Voltage
IIN=1mA
31
36
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com