Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN30NSP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN30NSP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN30NSP Datasheet(HTML) 4 Page - STMicroelectronics

  VN30NSP Datasheet HTML 1Page - STMicroelectronics VN30NSP Datasheet HTML 2Page - STMicroelectronics VN30NSP Datasheet HTML 3Page - STMicroelectronics VN30NSP Datasheet HTML 4Page - STMicroelectronics VN30NSP Datasheet HTML 5Page - STMicroelectronics VN30NSP Datasheet HTML 6Page - STMicroelectronics VN30NSP Datasheet HTML 7Page - STMicroelectronics VN30NSP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS (continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSCL (
•) Status Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
6
-0. 7
V
V
tSC
Switch-off T ime in
Short Circuit Condition
at Start -Up
RLOAD <10 m
Tc =25
oC1
ms
IOV
Over Current
RLOAD <10 m
-40 Tc 125
oC
140
A
IAV
Average Current in
Short Circuit
RLOAD <10 m
Tc =85
oC2.5
A
IOL
Open Load Current
Level
5
1250
mA
TTSD
Thermal Shut-down
Temperat ure
140
oC
TR
Reset Temperature
125
oC
(*) The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
(
•) Status determination > 100 µs after the switching edge.
FUNCTIONAL DESCRIPTION
The device has a diagnostic output which
indicates
open
circuit (no
load)
and
over
temperature conditions. The output signals are
processed by internal logic.
To protect the device against short circuit and
over-current condition, the thermal protection
turns the integrated Power MOS off at a minimum
junction temperature of 140
oC. When the
temperature returns to about 125
oC the switch is
automatically turned on again.
In short circuit conditions the protection reacts
with virtually no delay, the sensor being located in
the region of the die where the heat is generated.
PROTECTING
THE
DEVICE
AGAINST
REVERSE BATTERY
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a Schottky diode between pin 1 (GND) and
ground, as shown in the typical application circuit
(fig. 3).
The consequences of the voltage drop across
this diode are as follows:
- If the input is pulled to power GND, a negative
voltage of -VF is seen by the device. (VIL,VIH
thresholds and VSTAT are increased by VF with
respect to power GND).
The undervoltage shutdown level is increased by
VF.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to node [1]
(see application circuit infig. 4), which becomes
the common signal GND for the whole control
board.
In this way no shift of VIH,VIL and VSTAT takes
place and no negative voltage appears on the
INPUT pin; this solution allows the use of a
standard diode, with a breakdown voltage able to
handle any ISO normalized negative pulses that
occours in the automotive environment.
VN30NSP
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com