Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC196A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC196A_08 Datasheet HTML 9Page - Semtech Corporation SC196A_08 Datasheet HTML 10Page - Semtech Corporation SC196A_08 Datasheet HTML 11Page - Semtech Corporation SC196A_08 Datasheet HTML 12Page - Semtech Corporation SC196A_08 Datasheet HTML 13Page - Semtech Corporation SC196A_08 Datasheet HTML 14Page - Semtech Corporation SC196A_08 Datasheet HTML 15Page - Semtech Corporation SC196A_08 Datasheet HTML 16Page - Semtech Corporation SC196A_08 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
© 2008 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
100% Duty Cycle Mode
PSAVE Operation
PWM Operation
N-Channel R
DSON vs. Input Voltage
Switching Frequency vs. Temperature
PSAVE Start-up
0.10
0.12
0.14
0.16
0.18
0.20
0.22
2.7
3.2
3.7
4.2
4.7
5.2
TA = 85
°C
TA = 25
°C
TA = -40
°C
VIN (V)
950
960
970
980
990
1000
1010
1020
1030
1040
1050
-50
-30
-10
10
30
50
70
90
110
130
VIN = 5.5V
TJ = (
°C)
VIN = 3.6V
VIN = 2.7V
Time (400ns/div)
Condition V
IN=2.6V, VOUT=1.8V, lOUT=1.4A,
SYNC/PWM=1.15MHz ext clock
V
OUT (50mV/div)
I
LOAD (1A/div)
V
LX (2V/div)
Time (1us/div)
Condition V
IN=3.6V, VOUT=1.8V, lOUT=150mA,
SYNC/PWM=GND
V
OUT (20mV/div)
I
L (200mA/div)
V
LX (5V/div)
Time (1us/div)
Condition V
IN=3.6V, VOUT=1.8V, lOUT=150mA,
SYNC/PWM=V
IN
V
OUT (10mV/div)
I
L (200mA/div)
V
LX (5V/div)
EN (2V/div)
V
OUT (1V/div)
l
IN (100mA/div)
Time (200us/div)
Condition V
IN=3.6V, VOUT=1.8V, lOUT=10mA,
SYNC/PWM=GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com