Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN800S Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN800S
Description  HIGH SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800S Datasheet(HTML) 4 Page - STMicroelectronics

  VN800S Datasheet HTML 1Page - STMicroelectronics VN800S Datasheet HTML 2Page - STMicroelectronics VN800S Datasheet HTML 3Page - STMicroelectronics VN800S Datasheet HTML 4Page - STMicroelectronics VN800S Datasheet HTML 5Page - STMicroelectronics VN800S Datasheet HTML 6Page - STMicroelectronics VN800S Datasheet HTML 7Page - STMicroelectronics VN800S Datasheet HTML 8Page - STMicroelectronics VN800S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4/22
VN800S / VN800PT
2
ELECTRICAL CHARACTERISTICS (continued)
VCC - OUTPUT DIODE
STATUS PIN
PROTECTIONS (see note 1)
Note 1: To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be
used together with a proper software strategy. If the device operates under abnormal conditions this software must limit the duration and
number of activation cycles.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=0.6A; Tj=150°C
0.7
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT=1.6 mA
0.5
V
ILSTAT
Status Leakage Current
Normal Operation; VSTAT=VCC=36 V
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation; VSTAT= 5V
30
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shut-down Temperature
150
175
200
°C
TR
Reset Temperature
135
°C
Thyst
Thermal Hysteresis
7
15
°C
TSDL
Status Delay in Overload
Condition
Tj>Tjsh
20
µs
Ilim
DC Short Circuit Current
VCC=24V; RLOAD=10mΩ
0.7
2
A
Vdemag
Turn-off Output Clamp
Voltage
IOUT=0.5 A; L=6mH
VCC-47 VCC-52 VCC-57
V
OVERTEMP STATUS TIMING
Tj>Tjsh
VIN
VSTAT
tSDL
tSDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com