Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VND810MSP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND810MSP
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810MSP Datasheet(HTML) 3 Page - STMicroelectronics

  VND810MSP Datasheet HTML 1Page - STMicroelectronics VND810MSP Datasheet HTML 2Page - STMicroelectronics VND810MSP Datasheet HTML 3Page - STMicroelectronics VND810MSP Datasheet HTML 4Page - STMicroelectronics VND810MSP Datasheet HTML 5Page - STMicroelectronics VND810MSP Datasheet HTML 6Page - STMicroelectronics VND810MSP Datasheet HTML 7Page - STMicroelectronics VND810MSP Datasheet HTML 8Page - STMicroelectronics VND810MSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
VND810MSP
THERMAL DATA
(1) When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35
µm thick). Horizontal mounting and no artificial air
flow.
(2) When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35
µm thick). Horizontal mounting and no artificial air flow.
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C < Tj <150°C, unless otherwise specified)
(Per each channel)
POWER OUTPUTS
(**) Per device
SWITCHING (VCC=13V)
LOGIC INPUT
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
2.4
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
52.4 (1)
37 (2)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC (**)
Operating Supply Voltage
5.5
13
36
V
VUSD (**)
Undervoltage Shut-down
3
4
5.5
V
VOV (**)
Overvoltage Shut-down
36
V
RON
On State Resistance
IOUT=0.5A; Tj=25°C
IOUT=0.5A; VCC>8V
150
320
m
Ω
m
Ω
IS (**)
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj=25°C
On State; VCC=13V; VIN=5V; IOUT=0A
12
12
5
40
25
7
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=13Ω from VIN rising edge to
VOUT=1.3V
30
µs
td(off)
Turn-off Delay Time
RL=13Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/
dt(on)
Turn-on Voltage Slope
RL=13Ω from VOUT=1.3V to
VOUT=10.4V
See
relative
diagram
V/
µs
dVOUT/
dt(off)
Turn-off Voltage Slope
RL=13Ω from VOUT=11.7V to
VOUT=1.3V
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN = 1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN = 3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN = 1mA
IIN = -1mA
6
6.8
-0.7
8V
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com