Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XE1201A Datasheet(PDF) 4 Page - Semtech Corporation

Part # XE1201A
Description  300-500 MHz Low-Power UHF Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1201A Datasheet(HTML) 4 Page - Semtech Corporation

  XE1201A Datasheet HTML 1Page - Semtech Corporation XE1201A Datasheet HTML 2Page - Semtech Corporation XE1201A Datasheet HTML 3Page - Semtech Corporation XE1201A Datasheet HTML 4Page - Semtech Corporation XE1201A Datasheet HTML 5Page - Semtech Corporation XE1201A Datasheet HTML 6Page - Semtech Corporation XE1201A Datasheet HTML 7Page - Semtech Corporation XE1201A Datasheet HTML 8Page - Semtech Corporation XE1201A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© Semtech 2005
www.semtech.com
4
XE1201A
SYMBOL PARAMETER
CONDITIONS
Min
Typ
Max Units
Parallel capacitive part
-
4
-
pF
ZOUT
RF output impedance
Parallel capacitive part
-
2.4
-
pF
CCR
Co-channel rejection
Funw =FLO ±125 kHz
RFlevel = RFS+3dB
-12
-7
-
dB
BI
Blocking immunity
Funw =FRF ±1MHz
RFlevel = RFS+3dB
39
43
-
dB
ML
Maximum receiver input level
1 channel, BER=1%
0
-
-
dBm
BW
Baseband filter bandwidth
3 dB cutoff frequency
250
330
410
kHz
LOD
Local oscillator drift
-40 < Tamb < +70° C
-
-4
-
ppm/°
C
LOS
Local oscillator shift
2.4 V < Vdd < 3.6 V
-
+/-8
+/-15
KHz
TBW
DDS anti-alias filter bandwidth
-
160
-
kHz
FDEV
Frequency deviation
programmable by 3-wire bus
+/-4
-
+/-200 kHz
DR
Data rate
programmable by 3-wire bus
4
-
64
kbit/s
LOL
Digital input/output low level
0
-
0.4
V
HIL
Digital input/output high level
2.6
-
3
V
Tclk
Clock wake-up time
from cold start (see fig. 5)
-
2
3.5
ms
Rwu
Receiver wake-up time
from oscillator running (see fig. 4)
bit synchronizer bypassed
-
60
75
µs
Twu
Transmitter wake-up time
from oscillator running (see fig. 4)
-
60
75
µs
Tsu
Data set-up time
(see fig. 3)
125
-
-
ns
Trt
Receive to transmit switching
time
(see fig. 4)
-
15
25
µs
Ttr
Transmit to receive switching
time
(see fig. 4)
bit synchronizer bypassed
-
60
75
µs
Tr
SC bus clock rise time
-
-
50
ns
Tf
SC bus clock fall time
-
-
50
ns
FSC
SC bus clock frequency
-
-
4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com