Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM2553 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM2553 Datasheet HTML 1Page - ATMEL Corporation ATSAM2553 Datasheet HTML 2Page - ATMEL Corporation ATSAM2553 Datasheet HTML 3Page - ATMEL Corporation ATSAM2553 Datasheet HTML 4Page - ATMEL Corporation ATSAM2553 Datasheet HTML 5Page - ATMEL Corporation ATSAM2553 Datasheet HTML 6Page - ATMEL Corporation ATSAM2553 Datasheet HTML 7Page - ATMEL Corporation ATSAM2553 Datasheet HTML 8Page - ATMEL Corporation ATSAM2553 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
6399A–DRMSD–13-Oct-08
ATSAM2553
3.1
DSP Engine
The DSP engine operates on a frame-timing basis with the frame subdivided into 64 process
slots. Each process is itself divided into 16 micro-instructions known as “algorithm”. Up to 32
DSP algorithms can be stored on-chip in the Alg RAM memory, allowing the device to be pro-
grammed for a number of audio signal generation/processing applications.
The DSP engine is capable of generating 64 simultaneous voices using algorithms such as
wavetable synthesis with interpolation, alternate loop and 24dB resonant filtering for each voice.
Slots may be linked together (ML RAM) to allow implementation of more complex synthesis
algorithms.
A typical musical instrument application will use a little more than half the capacity of the DSP
engine for synthesis, thus providing state of the art 38 voices synthesis polyphony. The remain-
ing processing power may be used for typical functions like reverberation, chorus, surround
effect, equalizer, etc.
Frequently accessed DSP parameter data are stored into 5 banks of on-chip RAM memory.
Sample data or delay lines, which are accessed relatively infrequently, are stored in external
ROM, or into the built-in 32K x 16 RAM. The combination of localized micro-program memory
and localized parameter data allows micro-instructions to execute in 20.3 ns (49 MIPS). Sepa-
rate busses from each of the on-chip parameter RAM memory banks allow highly parallel data
movement to increase the effectiveness of each micro-instruction. With this architecture, a sin-
gle micro-instruction can accomplish up to 6 simultaneous operations (add, multiply, load, store,
etc.), providing a potential throughput of 294 million operations per second (MOPS).
3.2
Enhanced P16 Control Processor and I/O Functions
The Enhanced P16 control processor is the new version of the P16 processor with added
instructions allowing C compiling. The P16 is a general-purpose 16-bit CISC processor core
which runs from external memory. A debug ROM is included on-chip for easy development of
firmware directly on the target system. This ROM also contains the necessary code to directly
program externally connected flash memory. The P16 includes 256 words of local RAM data
memory for use as registers, scratchpad data and stack.
The P16 control processor writes to the parameter RAM blocks within the DSP core in order to
control the synthesis process. In a typical application, the P16 control processor parses and
interprets incoming commands from the MIDI UART or from the scanning interface and then
controls the DSP by writing into the parameter RAM banks in the DSP core. Slowly changing
synthesis functions, such as LFOs, are implemented in the P16 control processor by periodically
updating the DSP parameter RAM variables.
The P16 control processor interfaces with other peripheral devices, such as the system control
and status registers, the on-chip MIDI UART, the on-chip timers and the scanning interface
through specialized “intelligent” peripheral I/O logic. This I/O logic automates many of the sys-
tem I/O transfers to minimize the amount of overhead processing required from the P16.
3.3
Memory Management Unit (MMU)
The Memory Management Unit (MMU) block allows external ROM and/or RAM memory
resources to be shared between the synthesis/DSP and the P16 control processor. This allows a
single ROM device to serve as sample memory storage for the DSP and as program storage for
the P16 control processor. An internal 32K x 16 RAM is also connected to the MMU, allowing
RAM resources to be shared between the DSP for delay lines and the P16 for program data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com