Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WS27C010L Datasheet(PDF) 2 Page - STMicroelectronics

Part # WS27C010L
Description  Military 128K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS27C010L Datasheet(HTML) 2 Page - STMicroelectronics

  WS27C010L Datasheet HTML 1Page - STMicroelectronics WS27C010L Datasheet HTML 2Page - STMicroelectronics WS27C010L Datasheet HTML 3Page - STMicroelectronics WS27C010L Datasheet HTML 4Page - STMicroelectronics WS27C010L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC READ CHARACTERISTICS Over Operating Range with V
PP = VCC.
SYMBOL
PARAMETER
-90
-12
-15
-17
-20
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tACC
Address to Output Delay
90
120
150
170
200
tCE
CE to Output Delay
90
120
150
170
200
tOE
OE to Output Delay
35
35
40
40
40
tDF
Output Disable to
Output Float (Note 3)
35
35
40
40
40
ns
Output Hold from
tOH
Addresses, CE or OE,
0
0
0
0
0
Whichever Occurred
First (Note 3)
DC READ CHARACTERISTICS Over Operating Range. (See Above)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNITS
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = –400 µA
3.5
V
ISB1
VCC Standby Current (CMOS) CE = VCC ± 0.3 V (Note 2)
100
µA
ISB2
VCC Standby Current
CE = VIH
1mA
ICC
VCC Active Current (TTL)
CE = OE = VIL
F = 5 MHz
50
mA
(Note 1)
F = 8 MHz
60
mA
IPP
VPP Supply Current
VPP = VCC
100
µA
VPP
VPP Read Voltage
VCC –0.4
VCC
V
ILI
Input Leakage Current
VIN = 5.5 V or Gnd
–10
10
µA
ILO
Output Leakage Current
VOUT = 5.5 V or Gnd
–10
10
µA
WS27C010L
4-26
OPERATING RANGE
RANGE
TEMPERATURE
VCC
Military
–55°C to +125°C
+5V ± 10%
ABSOLUTE MAXIMUM RATINGS*
Storage Temperature............................–65° to + 150°C
Voltage on any Pin with
Respect to Ground ....................................–0.6V to +7V
VPP with Respect to Ground...................–0.6V to + 14V
VCC Supply Voltage with
Respect to Ground ....................................–0.6V to +7V
ESD Protection ..................................................
>2000V
NOTES: 1. The supply current is the sum of ICC and IPP. The maximum current value is with Outputs O0 to O7 unloaded.
2. CMOS inputs: VIL = GND ± 0.3V, VIH = VCC ± 0.3 V.
*NOTICE:
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect device reliability.
NOTE:
3. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven – see timing
diagram.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com