Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RH1814M Datasheet(PDF) 2 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/關s Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 2 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RH1814M
(Pre-Irradiation)
TABLE 1: ELECTRICAL CHARACTERISTICS
–55°C ≤ TA ≤ 125°C
VS = ±5V, VCM = 0V, unless otherwise noted.
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VOS
Input Offset Voltage
(Note 4)
1.5
1
4
2,3
mV
∆VOS
Average Tempco of Offset
(Note 5)
30
µV/°C
∆Temp
Voltage
IOS
Input Offset Current
400
1
1000
2,3
nA
IB
Input Bias Current
±41
±10
2,3
µA
en
Input Noise Voltage
fO = 10kHz
8
nV/√Hz
Density
in
Input Noise Current
fO = 10kHz
1
pA/√Hz
Density
RIN
Input Resistance
VCM = ±3.5V
3
MΩ
AVOL
Large-Signal Voltage Gain
VO = ±3V, RL ≥ 500Ω
1.5
4
0.7
5,6
V/mV
VO = ±3V, RL ≥ 100Ω
1
4
0.5
V/mV
Input Voltage Range
Guaranteed by CMRR
±3.5
±3.5
V
CMRR
Common-Mode Rejection
VCM = ±3.5V
75
1
70
dB
Ratio
PSRR
Power Supply Rejection
VS = ±2V to ±5.5V
78
1
72
2,3
dB
Ratio
Channel Separation
VO = ±3V, RL = 100Ω
82
1
78
dB
VOUT
Output Voltage Swing
RL = 500Ω, 30mV Overdrive
±3.8
4
±3.4
5,6
V
RL = 100Ω, 30mV Overdrive
±3.35
4
±3
5,6
V
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±40
±20
mA
ISC
Output Short-Circuit
VOUT = 0V, 1V Overdrive (Note 3)
±75
±40
mA
Current
IS
Supply Current
Per Amplifier
3.6
1
6.5
2,3
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com