Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1N60 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # ST1N60
Description  POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

ST1N60 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  ST1N60 Datasheet HTML 1Page - Suntac Electronic Corp. ST1N60 Datasheet HTML 2Page - Suntac Electronic Corp. ST1N60 Datasheet HTML 3Page - Suntac Electronic Corp. ST1N60 Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST1N60
POWER MOSFET
Page 2
ORDERING INFORMATION
Part Number
Package
.................ST1N60-251...........................................TO-251
.................ST1N60-252...........................................TO-252
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25
.
CST1N60
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250
A)
V(BR)DSS
600
V
Drain-Source Leakage Current
(VDS = 600 V, VGS = 0 V)
(VDS = 480 V, VGS = 0 V, TJ = 125
)
IDSS
0.1
0.3
mA
Gate-Source Leakage Current-Forward
(Vgsf = 20 V, VDS = 0 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250
A)
VGS(th)
2.0
4.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 0.6A) *
RDS(on)
8.0
Forward Transconductance (VDS
50 V, ID = 0.5A) *
gFS
0.5
mhos
Input Capacitance
Ciss
210
pF
Output Capacitance
Coss
28
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
4.2
pF
Turn-On Delay Time
td(on)
8
ns
Rise Time
tr
21
ns
Turn-Off Delay Time
td(off)
18
ns
Fall Time
(VDD = 300 V, ID = 1.0 A,
VGS = 10 V,
RG = 18 ) *
tf
24
ns
Total Gate Charge
Qg
8.5
14
nC
Gate-Source Charge
Qgs
1.8
nC
Gate-Drain Charge
(VDS = 400 V, ID = 1.0 A,
VGS = 10 V)*
Qgd
4
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
1.5
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(IS = 1.0 A, VGS = 0 V,
dIS/dt = 100A/µs)
trr
350
500
ns
* Pulse Test: Pulse Width
300µs, Duty Cycle
2%
** Negligible, Dominated by circuit inductance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com