Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT0638 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT0638
Description  Electronic Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0638 Datasheet(HTML) 1 Page - Supertex, Inc

  HT0638 Datasheet HTML 1Page - Supertex, Inc HT0638 Datasheet HTML 2Page - Supertex, Inc HT0638 Datasheet HTML 3Page - Supertex, Inc HT0638 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HT0638
HT0638
Electronic Line Switch
General Description
The Supertex HT0638 is an integrated electronic line switch
controllable from four logic-level inputs. These devices are
intended as a replacement for mechanical hook switches and
relays in telephones, answering machines, and similar telecom-
munications equipment. They switch the positive (Tip) side of the
telephone line using control inputs that are referenced to the
negative (Ring) side of the line. In the off state, it can hold-off 375
volts. In the on state, the series resistance is 15Ω maximum.
These devices provide adjustable current limiting via an external
sense resistor. Three of the control inputs are general purpose
and one is an override input that forces the switch to an off state
regardless of the state of the other inputs. This override input is
useful for ‘flash’ and pulse dialing purposes. Internal pull-up/
down resistors allow the inputs to be driven from single-ended
sources, push-pull sources, or left unconnected.
The HT0638 is powered from the phone line and are especially
useful in applications where external power is not available. Due
to their low quiescent current, both of these devices exceed the
on-hook resistance requirements of EIA-470-A.
Features
❑ 15Ω maximum switch resistance
❑ Current limiting protection
❑ 4 logic control inputs
❑ Operates at 2V input
❑ 2µA maximum quiescent current at 100V
Applications
❑ Telephone handsets
❑ Fax machines
❑ Answering machines
❑ Auto-dial alarm systems
08/23/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
For additional information, refer to application note
AN-H32.
Typical Application Circuit
Low
Voltage
Telecom
IC
TPG
HT0640
TP
CS
GND
HKS
LS1
LS2
DP
H=ON
L= OFF
Charge Pump
&
Logic Control
+
15V
-
Tip
Ring


Similar Part No. - HT0638

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT0610 HOLTEK-HT0610 Datasheet
462Kb / 22P
33 x 120 LCD Driver
February 24, 2004
logo
Kemet Corporation
HT06AB224JN KEMET-HT06AB224JN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB333KN KEMET-HT06BB333KN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BW104KN KEMET-HT06BW104KN Datasheet
51Kb / 1P
Capacitor, ceramic
More results

Similar Description - HT0638

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
Sanyo Semicon Device
LA7016 SANYO-LA7016 Datasheet
77Kb / 3P
VCR Electronic Switch
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
logo
Supertex, Inc
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
logo
List of Unclassifed Man...
A00596 ETC2-A00596 Datasheet
180Kb / 2P
Electronic Speed Switch
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
logo
Supertex, Inc
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com