Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL431 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # TL431
Description  Programmable Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  TL431 Datasheet HTML 1Page - IK Semicon Co., Ltd TL431 Datasheet HTML 2Page - IK Semicon Co., Ltd TL431 Datasheet HTML 3Page - IK Semicon Co., Ltd TL431 Datasheet HTML 4Page - IK Semicon Co., Ltd TL431 Datasheet HTML 5Page - IK Semicon Co., Ltd TL431 Datasheet HTML 6Page - IK Semicon Co., Ltd TL431 Datasheet HTML 7Page - IK Semicon Co., Ltd TL431 Datasheet HTML 8Page - IK Semicon Co., Ltd TL431 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL431
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Cathode Voltage
VKA
VREF
40
V
Cathode Current
IK
0.5
100
mA
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
KA = VREF, IK = 10mA unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Input Voltage
VREF
VKA = VREF, IK = 10mA
TL431 (2%)
TL431-A (1%)
TL431-C (0.5%)
2.440
2.470
2.482
2.495
2.495
2.495
2.550
2.520
2.508
V
Deviation of Reference Input
Voltage Over Full Temperature
Range
VREF(dev)
Tmin ≤ Ta ≤ Tmax
3
17
MV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
Δ
Δ
V
V
REF
KA
ΔV
KA = 10V-VREF
ΔV
KA = 36V- 10V
-1.4
-1.0
-2.7
-2.0
mV/V
Reference Input Current
IREF
R1 = 10KΩ, R2 = ∞
1.8
4
Deviation of Reference Input
Current Over Full Temperature
Range
IREF(dev)
R1 = 10KΩ, R2 = ∞
0.4
1.2
Minimum Cathode Current for
Regulation
IK(min)
0.25
0.5
mA
Off-State Cathode Current
IK(off)
VKA = 40 V, VREF = 0
0.26
0.9
Dynamic Impedance
ZKA
IK = 10mA to 100 mA , f ≤ 1.0KHz
0.22
0.5
Ω
Rev. 00
TEST CIRCUITS
Figure 1. Test Circuit for VKA = VREF
Figure 2. Test Circuit for VKA ≥ VREF
Figure 3. Test Circuit for I off
IK(OFF)
BT432
INPUT
VKA
TL431
TL431
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com