Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS-1500-248D Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # TS-1500-248D
Description  1500W True Sine Wave DC-AC Power Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-1500-248D Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-1500-248D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-1500-248D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:TS-1500-SPEC2008-07-29
T S - 1 5 0 0 series
MechanicalSpecification
Unit:mm
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
TS:Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:1500W
TS
1500
112 A
TYPE-A
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
ACOutputReceptacles(optional)
207
Type-A
Type-B
220
10
Airflow
direction
ACOUTPUT
BATTERY
BATTERY
100
100
0
0
100
100
0
0
Saving
Saving
BatLow
BatLow
On
On
Setting
Setting
LOAD
LOAD
INVERTER
INVERTER
ON
OFF
Remote
Remote
port
port
ACOUTPUT
ON
OFF
15.6
36.25
57.75
1500W TrueSineWaveDC-ACPowerInverter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com