Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GMD-800M10F Datasheet(PDF) 4 Page - Altech corporation

Part # GMD-800M10F
Description  Contactors (9 to 85A) Frame size
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMD-800M10F Datasheet(HTML) 4 Page - Altech corporation

  GMD-800M10F Datasheet HTML 1Page - Altech corporation GMD-800M10F Datasheet HTML 2Page - Altech corporation GMD-800M10F Datasheet HTML 3Page - Altech corporation GMD-800M10F Datasheet HTML 4Page - Altech corporation GMD-800M10F Datasheet HTML 5Page - Altech corporation GMD-800M10F Datasheet HTML 6Page - Altech corporation GMD-800M10F Datasheet HTML 7Page - Altech corporation GMD-800M10F Datasheet HTML 8Page - Altech corporation GMD-800M10F Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
A
GTK-220
GTH-220/3
GTH-220
GTK-220/L
GTK-400
GTH-400/3
GTH-400
GTK-400/L
GTK-600
GTH-600/3
GTH-600
GTK-600/L
GMC-180
GMC-220
GMC-300
GMC-400
GMC-600
GMC-800
kW
A
kW
A
kW
A
kW
A
kW
A
kW
A
230
260
350
420
660
900
55
180
75
250
90
300
125
400
190
630
220
800
90
180
132
250
160
300
220
400
330
630
440
800
110
180
132
200
160
250
225
350
330
500
550
720
110
120
132
150
200
220
250
300
330
420
500
630
hp
A
hp
A
hp
A
hp
A
hp
A
hp
A
230
275
350
450
660
900
15
15
30
40
60
60
100
125
150
250
60
75
100
150
200
300
125
150
200
300
400
600
125
150
200
300
400
600
4
4
5
567
GMC-180/4
GMC-220/4
GMC-300/4
GMC-400/4
GMC-600/4
GMC-800/4
230
260
350
420
660
800
180A
220A
300A
400A
600A
800A
Setting ranges (A)
65 - 100
85 - 125
100 - 150
120 - 180
160 - 240
Setting ranges (A)
85 - 125
100 - 150
120 - 180
160 - 240
220 - 300
260 - 400
Setting ranges (A)
220 - 300
260 - 400
400 - 600
520 - 800
Contactors (100 to 800A)
i
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
A
AC: 100/200 (100-240), 300 (265-347), 400 (380-450), 500V (440-575)
DC: 100/200V (100-220)
Ordering Example: GMC-180-AC100/200V (see also page 6)
AC: 100 (100-127), 200 (200-240), 300
(265-347), 400 (380-450), 500V (440-575)
DC: 100 (100-110), 200V (200-220)
4
GT- 220
GT- 400
GT- 800
A
1NO+1NC, Side mount
AU-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com