Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV74 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAV74
Description  High-speed double diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAV74 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAV74 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAV74 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAV74
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
Max
Unit
IF = 1 mA
715
mV
IF = 10 m A
855
m V
IF = 100 m A
1.0
V
VR = 25 V
30
nA
VR =50V
0.1
A
VR =25V; Tj = 150
30
A
VR =50V; Tj = 150
100
A
Diode capacitance
Cd
f= 1 MHz;VR =1V;
1.5
pF
when switched from IF =10m A to IR =10m A;
RL = 100
; m easured at IR =1m A;
Forward voltage
VF
Reverse recovery tim e
trr
V
4ns
Reverse current
IR
when switched from IF =10 m A; tr =20ns;
Vfr
Reverse recovery tim e
1.75
Marking
Marking
JAp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com