Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1SS181 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS181
Description  ULTRA HIGH SPEED SWITCHING APPLICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS181 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS181 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
ULTRA HIGH SPEED SWITCHING APPLICATION
1SS181
Features
Small Package
Low forward voltage :VF(3) = 0.92 V(Typ.)
Fast Reverse Recovery Time :trr = 1.6 ns(Typ.)
Small Total Capacitance :CT = 2.2pF(Typ.)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
85
V
DC Reverse Voltage
VR
80
V
Peak Reverse Voltage
IFM
300*
mA
Average Rectified Current
IO
100*
mA
DC Forward Current
IF
2*
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 to+ 125
* Unit Rating.Total Rating = Unit Rating
1.5.
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF = 1.0 mA
0.61
IF =10 mA
0.74
IF = 100 mA
0.92
1.2
VR =30V
0.1
VR =80V
0.5
Total capacitance
CT
VR = 0, f = 1.0 MHz
2.2
4.0
pF
Reverse recovery time
trr
IF =10 mA
1.6
4.0
ns
Reverse current
IR
A
V
VF
Continuous reverse voltage
Marking
Marking
A3


Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
SEMTECH ELECTRONICS LTD...
1SS181 SEMTECH_ELEC-1SS181 Datasheet
313Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS181LT1 LRC-L1SS181LT1 Datasheet
74Kb / 3P
Ultra High Speed Switching Application
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181_07 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
1SS193 TOSHIBA-1SS193_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS196 TOSHIBA-1SS196_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS337 TOSHIBA-1SS337_07 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
1SS360 TOSHIBA-1SS360_07 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
1SS361 TOSHIBA-1SS361_07 Datasheet
217Kb / 3P
Ultra High Speed Switching Application
1SS226TE85LF TOSHIBA-1SS226TE85LF Datasheet
180Kb / 3P
Ultra High Speed Switching Application
logo
Leshan Radio Company
L1SS181LT1G LRC-L1SS181LT1G_15 Datasheet
69Kb / 3P
Ultra High Speed Switching Application
logo
Nanjing International G...
BAV74 DGNJDZ-BAV74 Datasheet
92Kb / 2P
Ultra high speed switching application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com