Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCL1584 Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TCL1584
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1584 Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TCL1584 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 9Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 10Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 11Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 12Page - TelCom Semiconductor, Inc TCL1584 Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
TCL1584
TCL1585
TCL1587
PRELIMINARY INFORMATION
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
TCL1584/1585/1587-04 6/6/97
TO-220-3
PACKAGE DIMENSIONS
Dimensions: inches (mm)
DDPAK-3
Printed in the U.S.A.
.100 (2.54) TYP.
.037 (0.94)
.026 (0.66)
.370 (9.40)
.329 (8.38)
.067 (1.70)
.045 (1.14)
.605 (15.37)
.549 (13.95)
.410 (10.41)
.385 (9.78)
.183 (4.65)
.170 (4.32)
.055 (1.40)
.045 (1.14)
.010 (0.25)
.000 (0.00)
.110 (2.79)
.068 (1.72)
0.26 (0.66)
0.14 (0.36)
.051 (1.30)
.049 (1.24)
0
° - 8°
3
° - 7°
(5x)
.205 (5.21)
.195 (4.95)
.113 (2.87)
.103 (2.62)
.410 (10.41)
.390 (9.91)
.156 (3.96)
.146 (3.71)
DIA.
.258 (6.55)
.230 (5.84)
.560 (14.22)
.518 (13.16)
.105 (2.67)
.095 (2.41)
.037 (0.94)
.027 (0.69)
.055 (1.40)
.045 (1.14)
.244 (6.20)
.234 (5.94)
.185 (4.70)
.165 (4.19)
.055 (1.40)
.045 (1.14)
.594 (15.09)
.569 (14.45)
.115 (2.92)
.095 (2.41)
.0.20 (0.51)
.012 (0.30)
3
° - 7.5°
5 PLCS.
Sales Offices
TelCom Semiconductor
1300 Terra Bella Avenue
P.O. Box 7267
Mountain View, CA 94039-7267
TEL: 415-968-9241
FAX: 415-967-1590
E-Mail: liter@c2smtp.telcom-semi.com
TelCom Semiconductor
Austin Product Center
9101 Burnet Rd. Suite 214
Austin, TX 78758
TEL: 512-873-7100
FAX: 512-873-8236
TelCom Semiconductor H.K. Ltd.
10 Sam Chuk Street, Ground Floor
San Po Kong, Kowloon
Hong Kong
TEL: 852-2324-0122
FAX: 852-2354-9957



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com