Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3361 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3361
Description  NPN Epitaxial Planar Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3361 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3361 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3361 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB = 40V , IE =0
0.1
ìA
Emitter cutoff current
IEBO
VEB =4V , IC =0
0.1
ìA
DC current Gain
hFE
VCE =6V , IC = 1mA
90
400
Gain bandwidth product
fT
VCE =6V , IC = 1mA
100
MHz
Common base output capacitance
Cob
VCB = 6V , f = 1MHz
2.7
pF
Collector-to-emitter saturation voltage
VCE(sat) IC = 10mA , IB =1mA
0.1
0.4
V
Base-to-emitter saturation voltage
VBE(sat) IC = 10mA , IB =1mA
0.75
1.1
V
Collector-to-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
60
V
Collector-to-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
50
V
Emitter-to-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
5
V
Delay time
td
40
ns
Rise time
tr
80
ns
Storage time
tstg
230
ns
Fall time
tf
160
ns
2SC3361
hFE Classification
Marking
S4
S5
S6
hFE
90 180
135
270
200
400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com