Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS34 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS34
Description  Silicon Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS34 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS34 Datasheet HTML 1Page - Vishay Siliconix BAS34 Datasheet HTML 2Page - Vishay Siliconix BAS34 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS33.BAS34
Vishay Telefunken
Rev. 2, 01-Apr-99
1 (3)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85541
Silicon Planar Diodes
Features
D Very low reverse current
Applications
Protection circuits, time delay circuits, peak follower
circuits, logarithmic amplifiers
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BAS33
VR
30
V
g
BAS34
VR
60
V
Peak forward surge current
tp=1ms
IFSM
2
A
Forward current
IF
200
mA
Junction temperature
Tj
200
°C
Storage temperature range
Tstg
–65...+200
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
350
K/W


Similar Part No. - BAS34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS34 VISHAY-BAS34 Datasheet
113Kb / 4P
Small Signal Switching Diodes
16-Feb-07
BAS34 VISHAY-BAS34 Datasheet
102Kb / 3P
Small Signal Switching Diodes
17-Aug-10
logo
SUNMATE electronic Co.,...
BAS34 SUNMATE-BAS34 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAS34 SUNMATE-BAS34 Datasheet
329Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
Vishay Siliconix
BAS34 VISHAY-BAS34 Datasheet
78Kb / 3P
Small Signal Switching Diodes
26-Nov-2021
More results

Similar Description - BAS34

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5225 SURGE-1N5225 Datasheet
88Kb / 2P
SILICON PLANAR ZENER DIODES?
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
Silicon Planar Diodes
01-Apr-99
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
BA982 VISHAY-BA982 Datasheet
48Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAQ133 VISHAY-BAQ133 Datasheet
51Kb / 3P
Silicon Planar Diodes
31-Jul-12
BAQ33 VISHAY-BAQ33 Datasheet
48Kb / 3P
Silicon Planar Diodes
09-Dec-05
BAQ333 VISHAY-BAQ333 Datasheet
54Kb / 4P
Silicon Planar Diodes
01-Aug-12
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148 Datasheet
171Kb / 2P
Silicon Planar Diodes
BAV18 DIOTEC-BAV18 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com