Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT3431 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3431
Description  High Voltage, 3A,500kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3431 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3431 Datasheet HTML 17Page - Linear Technology LT3431 Datasheet HTML 18Page - Linear Technology LT3431 Datasheet HTML 19Page - Linear Technology LT3431 Datasheet HTML 20Page - Linear Technology LT3431 Datasheet HTML 21Page - Linear Technology LT3431 Datasheet HTML 22Page - Linear Technology LT3431 Datasheet HTML 23Page - Linear Technology LT3431 Datasheet HTML 24Page - Linear Technology LT3431 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT3431
sn3431 3431fs
A detailed theoretical basis for estimating internal power
dissipation is given in the Thermal Calculations section.
This will allow a first pass check of whether an application’s
maximum input voltage requirement is suitable for the
LT3431. Be aware that these calculations are for DC input
voltages and that input voltage transients as high as 60V
are possible if the resulting increase in internal power
dissipation is of insufficient time duration to raise die
temperature significantly. For the FE package, this means
high voltage transients on the order of hundreds of milli-
seconds are possible. If LT3431 thermal calculations
show power dissipation is not suitable for the given
application, the LT3430 is a recommended alternative
since it is identical to the LT3431 but runs cooler at
200kHz.
Switch minimum on time is the other factor that may limit
the maximum operational input voltage for the LT3431 if
pulse-skipping behavior is not allowed. For the LT3431,
pulse-skipping may occur for VIN/(VOUT + VF) ratios > 4.
(VF = Schottky diode D1 forward voltage drop, Figure 5.)
If the LT3430 is used, the ratio increases to 10. Pulse-
skipping is the regulator’s way of missing switch pulses to
maintain output voltage regulation. Although an increase
in output ripple voltage can occur during pulse-skipping,
a ceramic output capacitor can be used to keep ripple
voltage to a minimum (see output ripple voltage compari-
son for tantalum vs ceramic output capacitors, Figure 3).
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits, read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/
or catch diode, and connecting the VC compensation to a
ground track carrying significant switch current. In addi-
tion, the theoretical analysis considers only first order
non-ideal component behavior. For these reasons, it is
important that a final stability check is made with produc-
tion layout and components.
The LT3431 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 10.
The LT3431 can be considered as two gm blocks, the error
amplifier and the power stage.
APPLICATIO S I FOR ATIO
Figure 10. Model for Loop Response
Figure 11 shows the overall loop response. At the VC pin,
the frequency compensation components used are:
RC = 3.3k, CC = 0.022µF and CF = 220pF. The output
capacitor used is a 100
µF, 10V tantalum capacitor with
typical ESR of 100m
Ω.
The ESR of the tantalum output capacitor provides a
useful zero in the loop frequency response for maintain-
ing stability.
This ESR, however, contributes significantly to the ripple
voltage at the output (see Output Ripple Voltage in the
Applications Information section). It is possible to reduce
capacitor size and output ripple voltage by replacing the
1.22V
SW
VC
LT3431
GND
3431 F10
R1
OUTPUT
ESR
CF
CC
RC
RO
200k
ERROR
AMPLIFIER
FB
R2
C1
RLOAD
CURRENT MODE
POWER STAGE
gm = 2mho
gm =
2000
µmho
+
TANTALUM
CFB
ESL
C1
CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com