Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BFR91 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BFR91
Description  Silicon NPN Planar RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR91 Datasheet(HTML) 5 Page - Vishay Siliconix

  BFR91 Datasheet HTML 1Page - Vishay Siliconix BFR91 Datasheet HTML 2Page - Vishay Siliconix BFR91 Datasheet HTML 3Page - Vishay Siliconix BFR91 Datasheet HTML 4Page - Vishay Siliconix BFR91 Datasheet HTML 5Page - Vishay Siliconix BFR91 Datasheet HTML 6Page - Vishay Siliconix BFR91 Datasheet HTML 7Page - Vishay Siliconix BFR91 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BFR91
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
5 (8)
Document Number 85030
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
12845
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
1000
2000
3000
4000
5000
6000
0
1020
304050
IC – Collector Current ( mA )
12892
VCE=5V
f=500MHz
Figure 2. Transition Frequency vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
VCB – Collector Base Voltage ( V )
12893
f=1MHz
Figure 3. Collector Base Capacitance vs.
Collector Base Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
IC – Collector Current ( mA )
12894
VCE=5V
f=500MHz
ZS=50W
Figure 4. Noise Figure vs. Collector Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com