Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8A05 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # 8A05
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

8A05 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  8A05 Datasheet HTML 1Page - HY ELECTRONIC CORP. 8A05 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC R-6 molded plastic
Polarity: Color band denotes cathode
Weight: 0.07 ounces , 2.1 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
CHARACTERISTICS
SYMBOL
8A05
8A1
8A2
8A4
8A6
8A8
8A10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =60℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Maximum Forward Voltage at 8A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
10
1.0
8A05 thru 8A10
Dimensions in inches and (millimeters)
PLASTIC SILICON RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 8.0 Amperes
8.0
400
A
I(AV)
IFSM
A
~ 24 ~
IR
μA
100
8.0
100
-55 to +150
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance junction to case.
-55 to +125
R - 6
2100
.360(9.1)
.340(8.6)
.052(1.3)
.048(1.2) DIA
.360(9.1)
.340(8.6)
DIA
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - 8A05

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
8A05 DAESAN-8A05 Datasheet
138Kb / 1P
CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
logo
MIC GROUP RECTIFIERS
8A05 MIC-8A05 Datasheet
54Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
RFE international
8A05 RFE-8A05 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
logo
Shenzhen Luguang Electr...
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
Plastic Silicon Rectifiers
logo
Microdiode Semiconducto...
8A05 CHENDA-8A05 Datasheet
76Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 8A05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S_07 Datasheet
89Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1A1 CTC-1A1 Datasheet
96Kb / 2P
PLASTIC SILICON RECTIFIERS
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
PLASTIC SILICON RECTIFIERS
CT4A01 CTC-CT4A01_15 Datasheet
63Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1A1 HY-1A1_18 Datasheet
178Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_18 Datasheet
183Kb / 3P
Plastic Silicon Rectifiers
1N4001 HY-1N4001_V01 Datasheet
760Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_V01 Datasheet
762Kb / 3P
Plastic Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com