Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AEH10 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEH10
Description  Industry standard pin-out & performance 100째C baseplate temperature (no derating)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEH10 Datasheet(HTML) 2 Page - Emerson Network Power

  AEH10 Datasheet HTML 1Page - Emerson Network Power AEH10 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
18-36V
2.5V @ 10A
86%
AEH10G24
18-36V
3.3V @ 10A
87%
AEH10F24
18-36V
5.0V @ 10A
88%
AEH10A24
18-36V
2.5V @ 20A
85%
AEH20G24
18-36V
3.3V @ 20A
87%
AEH20F24
18-36V
5.0V @ 20A
88%
AEH20A24
36-72V
2.5V @ 10A
86%
AEH10G48
36-72V
3.3V @ 10A
87%
AEH10F48
36-72V
5.0V @ 10A
89%
AEH10A48
36-72V
2.5V @ 15A
85%
AEH15G48
36-72V
3.3V @ 15A
87%
AEH15F48
36-72V
5.0V @ 15A
89%
AEH15A48
36-72V
2.5V @ 20A
87%
AEH20G48
36-72V
3.3V @ 20A
89%
AEH20F48
36-72V
5.0V @ 20A
90%
AEH20A48
36-72V
1.8V @ 30A
82%
AEH30Y48
36-72V
2.5V @ 30A
85%
AEH30G48
36-72V
3.3V @ 30A
87%
AEH30F48
36-72V
5.0V @ 30A
89%
AEH30A48
NOTES:
Enable Function
"N" = negative logic enable (without "N" = positive enable)
Single Output
1. -Vin
2. Case
3. Enable (on/off)
4. +Vin
5. -5V Rtn
6. - Sense
7. Trim
8. + Sense
9. +5V Out
Notes:
1. 20 mHz bandwidth. An external 2.2 mf ceramic
capacitor is recommended to be placed from +V out to
-V out.
2. Requires a 2.2 mf, 100V film capacitor connected
between +V in and -V in to meet FCC class A and
ETS300-386-1 requirements for conducted noise.
Consult Factory for filtering information to meet FCC
class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only.
5. Please refer to the Technical Reference Notes for more
information.
6. Warranty: 1 yr
2.30
1.900
BOTTOM VIEW
.20 MIN.
.50
[58.4]
[48.26]
NOTE
1
[12.7]
[5.0]
.600
[15.24]
1.400
[35.56]
2.000
[50.80]
2.40
[61.0]
1
2
3
4
5
6
7
8
9
Mounting Inserts
M3 X .5 (4 places)
Pin Assignments
37
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:32 PM
Page 37



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com