Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AEQ12 Datasheet(PDF) 1 Page - Emerson Network Power

Part # AEQ12
Description  Delivers up to 12 A output current (6.3 A for the 8 Vo)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEQ12 Datasheet(HTML) 1 Page - Emerson Network Power

  AEQ12 Datasheet HTML 1Page - Emerson Network Power AEQ12 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
ALQ12/AEQ12
Series
18 to 50.4 Watts
Special Features
• Delivers up to 12 A output
current (6.3 A for the 8 Vo)
• Basic Isolation
• Ultra HIgh Efficiency
• Improved thermal perform-
ance: 12A (6.3A for the 8 V)
at 55 ºC at 1.5ms-1 (300LFM)
• High power density
• Low output noise
• Industry standard pinout
• 2:1 wide input voltage
• CNT function
• Remote sense
• Trim function: +10% / -20%
• Input under-voltage lockout
• Output over-current lockout
• Output over-voltage protec-
tion
• Over temperature protection
• RoHS Compliant
Total Power:
132 Watts (for the 3.3 Vo device)
48 Watts (for the 1.2 Vo device)
Input Voltage: 36 - 75 VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input Range
36 to 75 VDC
Input Current (max.)
1.6 A
Input Reflected-ripple
20 mAp-p 5Hz to 20MHz: 12uH source impedance, TA=25 ºC
Current
Output
Output
Output voltage
8V, 3.3V, 1.8V,1.5V nominal
Output Current
12A (6.3 A for the 8 Vo)
Efficiency
>80% (See ordering information)
Line output regulation
5 mV (3 mV Typical) : 1.5 V & 1.8 V device
10 mV (5 mV Typical) : 3.3 V device
15 mV (8 mV Typical) : 8.0 V device
Load Output Regulation 10 mV max ( 5 mV Typ) : 1.5 V and 1.8 V device
20 mV max (10 mV Typ) : 3.3 V and 8.0 V device
Switching Frequency
300 Khz
Isolation
I/O isolation
1500 Vdc
Isolation Capacitance
2200 pF
Isolation Resistance
>10 Mohms
UL cUL
CSA
EN0950
Environmental Specifications
Operating ambient temperature range
-40 ºC to 55 ºC
Storage temperature
-55 ºC to 125 ºC
Temperature Regulation
0.02 %Vo/ºC
Calculated MTBF
3.080 Million hours (typ.); Io=Io-max; Tc=25 ºC
Rev. 01.10.07
ALQ12/AEQ12 Series
1 of 2
mars


Similar Part No. - AEQ12

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AEQ1000RE OHMITE-AEQ1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
Astec America, Inc
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
Emerson Network Power
AEQ15 EMERSON-NETWORKPOWER-AEQ15 Datasheet
61Kb / 2P
High Efficiency
logo
Astec America, Inc
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
More results

Similar Description - AEQ12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
Delivers up to 25 A output current
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
Delivers up to 55A of output current (660W)
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Bel Fuse Inc.
YNS05S10 BEL-YNS05S10 Datasheet
691Kb / 20P
Delivers up to 10 A (36 W)
YNS12S16 BEL-YNS12S16 Datasheet
750Kb / 20P
Delivers up to 16 A (88 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
Delivers up to 16 A (88 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
Delivers up to 10 A (36 W)
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
Delivers up to 16 A (58 W)
YS12S10 BEL-YS12S10 Datasheet
753Kb / 21P
Delivers up to 10 A (55 W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com