Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1594CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 2Page - Linear Technology LTC1594CS Datasheet HTML 3Page - Linear Technology LTC1594CS Datasheet HTML 4Page - Linear Technology LTC1594CS Datasheet HTML 5Page - Linear Technology LTC1594CS Datasheet HTML 6Page - Linear Technology LTC1594CS Datasheet HTML 7Page - Linear Technology LTC1594CS Datasheet HTML 8Page - Linear Technology LTC1594CS Datasheet HTML 9Page - Linear Technology LTC1594CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1594/LTC1598
15948fb
TYPICAL PERFORMANCE CHARACTERISTICS
Intermodulation Distortion
FREQUENCY (kHz)
0
–60
–40
0
35
1594/98 G15
–80
–100
12
46
7
–120
–140
–20
TA = 25°C
VCC = VREF = 5V
f1 = 5kHz
f2 = 6kHz
fSMPL = 12.5kHz
Attenuation vs Input Frequency
4096 Point FFT Plot
FREQUENCY (kHz)
0
–60
–40
0
35
1594/98 G14
–80
–100
12
46
7
–120
–140
–20
TA = 25°C
VCC = VREF = 5V
fIN = 5kHz
fCLK = 320kHz
fSMPL = 12.5kHz
Power Supply Feedthrough
vs Ripple Frequency
Maximum Clock Frequency
vs Source Resistance
INPUT FREQUENCY (kHz)
110
100
80
90
60
70
40
50
20
30
100
1000
10000
1594/98 G13
0
10
TA = 25°C
VCC = VREF = 5V
fSMPL = 16.8kHz
RIPPLE FREQUENCY (kHz)
–50
0
1
100
1000
10000
1594/98 G16
–100
10
TA = 25°C
VCC = 5V (VRIPPLE = 20mV)
VREF = 5V
fCLK = 320kHz
SOURCE RESISTANCE (k
Ω)
0.1
0
60
120
180
240
360
110
1594/98 G17
300
+ INPUT
COM
RSOURCE
–
VIN
TA = 25°C
VCC = VREF = 5V
Sample-and-Hold Acquisition Time
vs Source Resistance
SOURCE RESISTANCE (
Ω)
10
100
1000
1594/98 G18
1
0.1
10000
100
1000
10000
TA = 25°C
VCC = VREF = 5V
+ INPUT
COM
RSOURCE
+
VIN
Input Channel Leakage Current
vs Temperature
TEMPERATURE (
°C)
–60
1000
100
10
1
0.1
0.01
100
1594/98 G20
–20
20
60
140
–40
0
40
80
120
VCC = 5V
VREF = 5V
ON CHANNEL
OFF CHANNEL
Minimum Clock Frequency for
0.1LSB Error vs Temperature
TEMPERATURE (
°C)
–55
160
240
25
45
65
85
1594/98 G19
80
0
–35
–15
5
320
VCC = VREF = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com