Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA16 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DA16
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA16 Datasheet(HTML) 1 Page - Emerson Network Power

  DA16 Datasheet HTML 1Page - Emerson Network Power DA16 Datasheet HTML 2Page - Emerson Network Power DA16 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 11.19.08
DA16 Series
1 of 3
Embedded Power for
Business-Critical Continuity
DA16 Series
16 Watts
Special Features
•Switchingwallmount
power supply
•Availableinmultipleacplug
configurations
•CEMarkEMC&LVD
•UniversalACinput
•Fullyregulatedoutput
•Overloadandshortcircuit
protection
•Thermalprotection
•DesignedtomeetBlueAngel
standard
•EuropeanCodeofConduct
compliance
•Constantvoltage
•Highefficiency
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
Total Power:
16 Watts
Input Voltage:
90-264Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac(widerange)
Frequency:
47-63Hz
Inrushcurrent:
40A@230Vac,coldstart@25
ºC
Inputcurrent:
0.18Arms@120VAC;0.36A@240VAC
Efficiency:
75%@fullloadtypical,@120VAC
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022
(CISPR22)ClassB&EMC89/336/EEC
Safetyground
leakagecurrent:
300µA@50/60Hz,230Vacinput
Output
Voltage(Vo):
12.2V
Voltageregulation:
±5%@constantvoltagemode
MaximumPower(Po):
16 W
Hold-uptime:
20ms.typicalatfullload@115Vac
Overvoltageprotection:
Non-latchingtype
Overloadprotection:
Outputshortcircuitprotectionautorecover
Overloadprotected@150%abovemaximumrating
Overtemperature
protection:
Autorecovery
Outputcable/connector
barrelpolarity:
DCcablewith2.5mmx5.5mmbarrelplug
DCplugcenter+v
DCplugouter-v
UL
60950/6500
CSA
60950
TUV
60950
NEMKO 60950
AS/NZS 60950
CB
Certificate and report
CE
EMC&LVD
DA16-US
DA16-EU
DA16-UK
DA16-AU


Similar Part No. - DA16

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA16 ASTEC-DA16 Datasheet
1Mb / 2P
16 Watts
logo
Protek Devices
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
logo
Artesyn Technologies
DA16-120AU ARTESYN-DA16-120AU Datasheet
699Kb / 3P
DA16 Series 16 Watts
logo
Astec America, Inc
DA16-120EU ASTEC-DA16-120EU Datasheet
1Mb / 2P
16 Watts
logo
Artesyn Technologies
DA16-120EU ARTESYN-DA16-120EU Datasheet
699Kb / 3P
DA16 Series 16 Watts
More results

Similar Description - DA16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
10-15 Watt Wallmount Switching Power Supplies
logo
Emerson Network Power
DA4 EMERSON-NETWORKPOWER-DA4 Datasheet
570Kb / 3P
Switching wallmount power supply
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
341Kb / 3P
Switching wallmount power supply
DA4US EMERSON-NETWORKPOWER-DA4US Datasheet
453Kb / 2P
Switching wallmount power supply 3 - 8 Watts
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3_08 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Astrodyne Corporation
AMP1201 ASTRODYNE-AMP1201 Datasheet
491Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
logo
Artesyn Technologies
DCH2 ARTESYN-DCH2 Datasheet
715Kb / 3P
Switching wallmount power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com