Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XT4.5MB Datasheet(PDF) 1 Page - ECS, Inc.

Part # XT4.5MB
Description  CERAMIC TRAP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

XT4.5MB Datasheet(HTML) 1 Page - ECS, Inc.

  XT4.5MB Datasheet HTML 1Page - ECS, Inc. XT4.5MB Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
84
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC TRAPS
CERAMIC TRAPS
3.0
±1
2.5
±0.2
7.0
±2
0.3
±0.01
0.6
±0.1
1
2
3
Connection
Input
Ground
Output
3
2
1
XT SERIES
CERAMIC TRAP
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
TRAP ATTENUATION
20 dB Band Width
30 dB BAND WIDTH
PART NUMBER
(AT NORMAL CENTER FREQUENCY)
(KHz)
(KHz)
(dB) MIN.
MIN.
MIN.
XT4.5MB
35(45)
–
50(80)
XT5.5MB
35(45)
–
50(80)
XT6.0MB
35(45)
–
70(120)
XT6.5MB
35(45)
–
70(120)
Figure 1) XT Series – Front and Side views
The XT Series is a ceramic trap for TV 4.5 /
5.5 / 6.0 / 6.5 MHz. (TV SIF stage use)
FEATURES
• Wide bandwidth
• Low insertion loss
• Excellent spurious suppression characteristics
• RoHS Compliant (Note 7 exemption)
S.S.G.
300
Ω
15 pH
Rg = 50
Ω
50
Ω
RF
V.M.
1K
Ω
Figure 2) XT Series - Measuring Circuit
Frequency Characteristics
Frequency (MHz)
Attenuation (dB)
0
10
20
30
40
50
60
70
4.00
4.25
4.50
4.75
5.00
Figure 3) XT Series – Characteristics
PACKAGE DIMENSIONS (mm)
• The level @ 1 MHz shall be the (0 dB) reference.
( ) = Typical values


Similar Part No. - XT4.5MB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
CERAMIC TRAP
logo
Token Electronics Indus...
XT4.5MB TOKEN-XT4.5MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT4.5MBP TOKEN-XT4.5MBP Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
More results

Similar Description - XT4.5MB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
CERAMIC TRAP
logo
Vanlong Technology Co.,...
XT_M VANLONG-XT_M Datasheet
22Kb / 1P
Ceramic Trap
logo
Oscilent Corporation
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
Ceramic Trap For TV/VCR
754-4.47M OSCILENT-754-4.47M Datasheet
132Kb / 2P
Ceramic Trap Double/Triple Peak
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
Ceramic XT Trap For TV/VCR
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
Ceramic Trap
logo
Token Electronics Indus...
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Transko Electronics, In...
XTM TRANSKO-XTM Datasheet
368Kb / 1P
CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com