Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC2484 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2484
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2484 Datasheet HTML 17Page - Linear Technology LTC2484 Datasheet HTML 18Page - Linear Technology LTC2484 Datasheet HTML 19Page - Linear Technology LTC2484 Datasheet HTML 20Page - Linear Technology LTC2484 Datasheet HTML 21Page - Linear Technology LTC2484 Datasheet HTML 22Page - Linear Technology LTC2484 Datasheet HTML 23Page - Linear Technology LTC2484 Datasheet HTML 24Page - Linear Technology LTC2484 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
LTC2484
2484fa
APPLICATIO S I FOR ATIO
Figure 5. External Serial Clock, Single Cycle Operation
Figure 6. External Serial Clock, Reduced Data Output Length
EOC
BIT 31
SDO
SCK
(EXTERNAL)
CS
EN
DON’T CARE
IM
FOA
FOB
SPD
SDI
DON’T CARE
TEST EOC
MSB
SIG
BIT 0
LSB
BIT 5
BIT 27
BIT 26
BIT 25
BIT 24
BIT 28
BIT 29
BIT 30
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
2484 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
VREF
IN+
IN–
SCK
SDI
SDO
CS
GND
210
INT/EXT CLOCK
3
4
5
9
7
8
6
1
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUT
1
µF
2.7V TO 5.5V
LTC2484
4-WIRE
SPI INTERFACE
DON’T CARE
TEST EOC
(OPTIONAL)
EN
DON’T CARE
IM
FOA
FOB
SPD
SDI
DON’T CARE
DON’T CARE
SDO
SCK
(EXTERNAL)
CS
DATA
OUTPUT
CONVERSION
SLEEP
SLEEP
SLEEP
TEST EOC
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
CONVERSION
2484 F06
MSB
SIG
BIT 8
BIT 27
BIT 26
BIT 25
BIT 24
BIT 9
BIT 28
BIT 29
BIT 30
EOC
BIT 31
BIT 0
EOC
Hi-Z
TEST EOC
TEST EOC
(OPTIONAL)
VCC
FO
VREF
IN+
IN–
SCK
SDI
SDO
CS
GND
210
INT/EXT CLOCK
3
4
5
9
7
8
6
1
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUT
1
µF
2.7V TO 5.5V
LTC2484
4-WIRE
SPI INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com