Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3252 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 5 Page - Linear Technology

  LTC3252 Datasheet HTML 1Page - Linear Technology LTC3252 Datasheet HTML 2Page - Linear Technology LTC3252 Datasheet HTML 3Page - Linear Technology LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3252
5
3252f
BLOCK DIGRAM
SI PLIFIED
+
CHARGE
PUMP 2
BURST
DETECT
CIRCUIT
+
CHARGE
PUMP 1
SPREAD SPECTRUM
OSCILLATOR
SWITCH
CONTROL
OVERTEMPERATURE
7
4
5
6
C1+
OUT1
C1
10
9
8
C2+
OUT2
C2
12 FB2
GND
3252 SBD
1 FB1
3
VIN
2
EN1
11
EN2
PI FU CTIO S
C2(Pin 8): Flying Capacitor 2 Negative Terminal (C2).
OUT2 (Pin 9): Regulated Output Voltage 2. OUT2 is
disconnected from VIN when in shutdown. Bypass OUT2
with a low ESR ceramic capacitor to GND (CO2). See
Output Capacitor Selection section for size requirements.
C2+ (Pin 10): Flying Capacitor 2 Positive Terminal (C2).
EN2 (Pin 11): Input Enable Pin 2. When EN2 is high, OUT2
is enabled. When EN2 is low OUT2 is shut down.
FB2 (Pin 12): Feedback Input Pin 2. An output divider
should be connected from OUT2 to FB2 to program the
output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com