Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BQ2012 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2012
Description  Gas Gauge IC With Slow-Charge Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2012 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2012 Datasheet HTML 5Page - Texas Instruments BQ2012 Datasheet HTML 6Page - Texas Instruments BQ2012 Datasheet HTML 7Page - Texas Instruments BQ2012 Datasheet HTML 8Page - Texas Instruments BQ2012 Datasheet HTML 9Page - Texas Instruments BQ2012 Datasheet HTML 10Page - Texas Instruments BQ2012 Datasheet HTML 11Page - Texas Instruments BQ2012 Datasheet HTML 12Page - Texas Instruments BQ2012 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Error Summary
Capacity Inaccurate
The LMD is susceptible to error on initialization or if no
updates occur.
On initialization, the LMD value in-
cludes the error between the programmed full capacity
and the actual capacity. This error is present until a
valid discharge occurs and LMD is updated (see DCR de-
scription).
The other cause of LMD error is battery
wear-out.
As the battery ages, the measured capacity
must be adjusted to account for changes in actual battery
capacity.
A Capacity Inaccurate counter (CPI) is maintained and
incremented each time a valid charge occurs (qualified
by NAC; see the CPI register description) and is reset
whenever LMD is updated from the DCR. The counter
does not wrap around but stops counting at 255. The ca-
pacity inaccurate flag (CI) is set if LMD has not been up-
dated following 64 valid charges.
Current-Sensing Error
Table 5 illustrates the current-sensing error as a func-
tion of VSR. A digital filter eliminates charge and dis-
charge counts to the NAC register when VSRO (VSR +
VOS) is between VSRQ and VSRD.
Communicating With the bq2012
The bq2012 includes a simple single-pin (DQ plus re-
turn) serial data interface. A host processor uses the in-
terface to access various bq2012 registers. Battery char-
acteristics may be easily monitored by adding a single
contact to the battery pack. The open-drain DQ pin on
the bq2012 should be pulled up by the host system, or may
be left floating if the serial interface is not used.
The interface uses a command-based protocol, where the
host processor sends a command byte to the bq2012.
The command directs the bq2012 to either store the next
eight bits of data received to a register specified by the
command byte or output the eight bits of data specified
by the command byte.
The communication protocol is asynchronous return-to-
one. Command and data bytes consist of a stream of eight
bits that have a maximum transmission rate of 333
bits/sec. The least-significant bit of a command or data
byte is transmitted first. The protocol is simple enough
that it can be implemented by most host processors using
either polled or interrupt processing. Data input from the
bq2012 may be sampled using the pulse-width capture
timers available on some microcontrollers.
Communication is normally initiated by the host proces-
sor sending a BREAK command to the bq2012.
A
BREAK is detected when the DQ pin is driven to a
logic-low state for a time, tB or greater. The DQ pin
should then be returned to its normal ready-high logic
state for a time, tBR. The bq2012 is now ready to receive
a command from the host processor.
The return-to-one data bit frame consists of three dis-
tinct sections.
The first section is used to start the
transmission by either the host or the bq2012 taking the
DQ pin to a logic-low state for a period, tSTRH,B. The
next section is the actual data transmission, where the
data should be valid by a period, tDSU, after the negative
edge used to start communication. The data should be
held for a period, tDV, to allow the host or bq2012 to
sample the data bit.
The final section is used to stop the transmission by return-
ing the DQ pin to a logic-high state by at least a period,
tSSU, after the negative edge used to start communication.
The final logic-high state should be held until a period, tSV,to
allow time to ensure that the bit transmission was stopped
properly. The timings for data and break communication are
given in the serial communication timing specification and
illustration sections.
Communication with the bq2012 is always performed
with the least-significant bit being transmitted first.
Figure 3 shows an example of a communication se-
quence to read the bq2012 NAC register.
bq2012 Registers
The bq2012 command and status registers are listed in
Table 6 and described in the following sections.
9
bq2012
Symbol
Parameter
Typical
Maximum
Units
Notes
INL
Integrated non-linearity
error
± 2
± 4
%
Add 0.1% per °C above or below 25°C
and 1% per volt above or below 4.25V.
INR
Integrated non-
repeatability error
± 1
± 2
%
Measurement repeatability given
similar operating conditions.
Table 5. Current-Sensing Error as a Function of VSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com