Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC4096X Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4096X
Description  Dual Input Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4096X Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4096X Datasheet HTML 7Page - Linear Technology LTC4096X Datasheet HTML 8Page - Linear Technology LTC4096X Datasheet HTML 9Page - Linear Technology LTC4096X Datasheet HTML 10Page - Linear Technology LTC4096X Datasheet HTML 11Page - Linear Technology LTC4096X Datasheet HTML 12Page - Linear Technology LTC4096X Datasheet HTML 13Page - Linear Technology LTC4096X Datasheet HTML 14Page - Linear Technology LTC4096X Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4096/LTC4096X
11
4096xf
TRICKLE CHARGE*
MODE
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
PWR STATE: DCIN
SHUTDOWN
MODE
IUSBIN DROPS TO 20µA
CHRG STATE: Hi-Z
PWR STATE: USBIN
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
PWR STATE: DCIN
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
PWR STATE: USBIN
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
PWR STATE: DCIN
SHUTDOWN
MODE
IDCIN DROPS TO 20µA
CHRG STATE: Hi-Z
PWR STATE: DCIN
BAT > 2.9V
BAT < 2.9V
BAT < 2.9V
2.9V < BAT
2.9V < BAT
BAT > 2.9V
BAT < 4.15V
BAT < 4.15V
IBAT < ITERMINATE
IN VOLTAGE MODE
IBAT < ITERMINATE
IN VOLTAGE MODE
POWER SELECTION
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
PWR STATE: USBIN
TRICKLE CHARGE*
MODE
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
PWR STATE: USBIN
SUSP
DRIVEN HIGH
SUSP
DRIVEN LOW
*NOT PRESENT IN THE "X" VERSION
SUSP
DRIVEN HIGH
DCIN POWER
REMOVED
DCIN POWER
REMOVED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
DCIN POWER APPLIED
ONLY USB POWER APPLIED
STARTUP
4096 F01
SUSP
DRIVEN LOW
Manual Shutdown
The SUSP pin has a 3.4M
Ω pulldown resistor to GND. A
logic low enables the charger and logic high disables it
(the pulldown defaults the charger to the charging state).
The DCIN input draws 20µA when the charger is in shut-
down. The USBIN input draws 20µA during shutdown if
no power is applied to DCIN, but draws only 10µA when
VDCIN > VUSBIN.
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise
above a preset value of approximately 115°C. This feature
protects the LTC4096 from excessive temperature and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damag-
ing the device. The charge current can be set according
to typical (not worst case) ambient temperature with the
assurance that the charger will automatically reduce the
current in worst case conditions. A safety thermal shut
down circuit will turn off the charger if the die temperature
rises above a value of approximately 150°C. DFN power
considerations are discussed further in the Applications
Information section.
APPLICATIONS INFORMATION
Figure 1. LTC4096 State Diagram of a Charge Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com